Electronic Components Datasheet Search
  English  ▼

X  

TSA5060ATS Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TSA5060ATS
Description  1.3 GHz I2C-bus controlled low phase noise frequency synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5060ATS Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TSA5060ATS Datasheet HTML 8Page - NXP Semiconductors TSA5060ATS Datasheet HTML 9Page - NXP Semiconductors TSA5060ATS Datasheet HTML 10Page - NXP Semiconductors TSA5060ATS Datasheet HTML 11Page - NXP Semiconductors TSA5060ATS Datasheet HTML 12Page - NXP Semiconductors TSA5060ATS Datasheet HTML 13Page - NXP Semiconductors TSA5060ATS Datasheet HTML 14Page - NXP Semiconductors TSA5060ATS Datasheet HTML 15Page - NXP Semiconductors TSA5060ATS Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
2000 Oct 24
12
Philips Semiconductors
Product specification
1.3 GHz I2C-bus controlled low phase
noise frequency synthesizer
TSA5060A
CHARACTERISTICS
VCC = 4.5 to 5.5 V; Tamb = −20 to +85 °C; fxtal = 4 MHz; measured according to Fig.4; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (pin VCC)
VCC
supply voltage
4.5
5.0
5.5
V
ICC
supply current
Tamb =25 °C30
37
45
mA
VCC(POR)
supply voltage below which POR is active Tamb =25 °C
−
2.75
−
V
RF inputs (pins RFA and RFB)
fi(RF)
RF input frequency
64
−
1300
MHz
Vi(RF)(rms)
RF input voltage (RMS value)
fi(RF) between 64 and
150 MHz; note 1
12.6
−
300
mV
−25
−
+2.5
dBm
fi(RF) between 150 and
1300 MHz; note 1
7.1
−
300
mV
−30
−
+2.5
dBm
Zi(RF)
RF input impedance
see Fig.6
−−
−
Ω
Ci(RF)
RF input capacitance
see Fig.6
−−
−
pF
MDR
main divider ratio
prescaler disabled
64
−
131071
prescaler enabled
128
−
262142
Crystal oscillator (pin XTAL)
fxtal
crystal frequency
4
−
16
MHz
Z
XTAL
crystal oscillator negative impedance
4 MHz crystal
400
680
−Ω
ZXTAL
recommended crystal series resistance
4 MHz crystal
−−
200
Ω
PXTAL
crystal drive level
4 MHz crystal; note 2
−
40
−µW
fi(ext)
external reference input frequency
note 3
2
−
20
MHz
Vi(ext)(p-p)
external reference input voltage
(peak-to-peak value)
note 3
200
−
500
mV
Phase comparator and charge pump
fcomp
comparison frequency
−−
2
MHz
Ncomp
equivalent phase noise at the phase
detector input
fcomp = 250 kHz;
C1 =C0=1;
in the loop bandwidth
−−157
−
dBc/Hz
I
cp
charge pump current
C1 = 0; C0 = 0
100
135
170
µA
C1 = 0; C0 = 1
210
280
350
µA
C1 = 1; C0 = 0
450
600
750
µA
C1 = 1; C0 = 1
920
1230
1540
µA
ILO(cp)
charge pump leakage output current
−10
0
+10
nA
DRIVE output (pin DRIVE)
VO(drive)
output voltage when the charge pump is
sinking current
XCE = 0; XCS = 1;
T2 = 0; T1 = 0; T0 = 0
−
140
250
mV
IO(drive)
output current when the charge pump is
sourcing current
XCE = 0; XCS = 1;
T2 = 0; T1 = 0; T0 = 1
100
250
−µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com