Electronic Components Datasheet Search
  English  ▼

X  

TSA5514 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TSA5514
Description  1.3 GHz bidirectional I2C-bus controlled synthesizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5514 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TSA5514 Datasheet HTML 4Page - NXP Semiconductors TSA5514 Datasheet HTML 5Page - NXP Semiconductors TSA5514 Datasheet HTML 6Page - NXP Semiconductors TSA5514 Datasheet HTML 7Page - NXP Semiconductors TSA5514 Datasheet HTML 8Page - NXP Semiconductors TSA5514 Datasheet HTML 9Page - NXP Semiconductors TSA5514 Datasheet HTML 10Page - NXP Semiconductors TSA5514 Datasheet HTML 11Page - NXP Semiconductors TSA5514 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
October 1992
8
Philips Semiconductors
Product specification
1.3 GHz bidirectional I2C-bus controlled synthesizer
TSA5514
Table 3
ADC levels
Table 4
Address selection
LIMITING VALUES
In accordance with Absolute Maximum Rating System (IEC 134); all pin numbers refer to DIL18 version
THERMAL RESISTANCE
VOLTAGE APPLIED ON THE PORT P6
A2
A1
A0
0.6 Vcc to 13.5 V
1
0
0
0.45 Vcc to 0.6 Vcc
011
0.3 Vcc to 0.45 Vcc
010
0.15 Vcc to 0.3 Vcc
001
0 to 0.15 Vcc
000
MA1
MA0
VOLTAGE APPLIED ON PIN AS
0
0
0 to 0.1 Vcc
0
1
open
1
0
0.4 to 0.6 Vcc
1
1
0.9 Vcc to Vcc
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
Vcc
supply voltage
−0.3
6
V
V1
charge-pump output voltage
−0.3
Vcc
V
V2
crystal (Q1) input voltage
−0.3
Vcc
V
V4
serial data input/output voltage
−0.3
6
V
V5
serial clock input voltage
−0.3
6
V
V10
address selection input voltage
−0.3
6
V
V6-13
P7 to P0 input/output voltage
−0.3
+16
V
V15
prescaler input voltage
−0.3
+2.5
V
V18
drive output voltage
−0.3
Vcc
V
I6-13
P7 to P0 output current (open collector)
−115
mA
I4
SDA output current (open collector)
−15
mA
Tstg
IC storage temperature range
−40
+150
°C
Tj
maximum junction temperature
−
150
°C
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-a
from junction to ambient in free air
DIL18
80 K/W
SO16
110 K/W
SO20
80 K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com