Electronic Components Datasheet Search
  English  ▼

X  

TSA5514 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TSA5514
Description  1.3 GHz bidirectional I2C-bus controlled synthesizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5514 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TSA5514 Datasheet HTML 9Page - NXP Semiconductors TSA5514 Datasheet HTML 10Page - NXP Semiconductors TSA5514 Datasheet HTML 11Page - NXP Semiconductors TSA5514 Datasheet HTML 12Page - NXP Semiconductors TSA5514 Datasheet HTML 13Page - NXP Semiconductors TSA5514 Datasheet HTML 14Page - NXP Semiconductors TSA5514 Datasheet HTML 15Page - NXP Semiconductors TSA5514 Datasheet HTML 16Page - NXP Semiconductors TSA5514 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
October 1992
13
Philips Semiconductors
Product specification
1.3 GHz bidirectional I2C-bus controlled synthesizer
TSA5514
FLOCK FLAG DEFINITION (FL)
When the FL flag is 1, the maximum frequency deviation (
∆f) from stable frequency can be expressed as follows:
Where:
FLOCK FLAG APPLICATION
• Kvco = 16 MHz/V (UHF band)
• ICP = 220 µA
• C1 = 180 nF
• C2 = 39 nF
•∆f = ± 27.5 kHz.
Table 5
Flock flag settings
KVCO
=
oscillator slope (Hz/V)
ICP
=
charge-pump current (A)
KO
=4
× 10E6
C1 and C2
=
loop filter capacitors (see Fig.8)
MIN.
MAX.
UNIT
Time span between actual phase lock and FL-flag setting
1024
1152
µs
Time span between the loop losing lock and FL-flag resetting
0
128
µs
∆fK
VCO KO
⁄
()
±
I
CP
C1
C2
+
()
C1
C2
×
()
⁄
×
×
=
Fig.8 Loop filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com