Electronic Components Datasheet Search
  English  ▼

X  

TSA5521 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TSA5521
Description  1.3 GHz universal bus-controlled TV synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5521 Datasheet(HTML) 5 Page - NXP Semiconductors

  TSA5521 Datasheet HTML 1Page - NXP Semiconductors TSA5521 Datasheet HTML 2Page - NXP Semiconductors TSA5521 Datasheet HTML 3Page - NXP Semiconductors TSA5521 Datasheet HTML 4Page - NXP Semiconductors TSA5521 Datasheet HTML 5Page - NXP Semiconductors TSA5521 Datasheet HTML 6Page - NXP Semiconductors TSA5521 Datasheet HTML 7Page - NXP Semiconductors TSA5521 Datasheet HTML 8Page - NXP Semiconductors TSA5521 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1996 Oct 10
5
Philips Semiconductors
Product specification
1.3 GHz universal bus-controlled
TV synthesizer
TSA5520; TSA5521
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MKA965
8
BS1
7
BS2
6
BS3
5
BS4
4-BIT BAND SWITCH
REGISTER
GATE
7-BIT CONTROL
REGISTER
15-BIT FREQUENCY
REGISTER
IN-LOCK
DETECTOR
LOCK
DIGITAL
PHASE
COMPARATOR
RSA,RSB
T2,T1,T0
11
15
14
13
SCL
SDA
CE
I C/3-WIRE BUS
RECEIVER
2
T2,T1,T0
AMP
CHARGE
PUMP
9
10
LOGIC
VCC1
VEE
3
2
12
LOCK
4
VCC2
SW
POWER-ON
RESET
XTAL
OSCILLATOR
DIVIDER
512/640/1024
RSA
AMP
RSB
XTAL
16
OS
CP
CP
PRESCALER
DIVIDE-BY-8
1
RF
15-BIT
PROGRAMMABLE
DIVIDER
fdiv
f ref
TSA5520
TSA5521
Vtune



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com