Electronic Components Datasheet Search
  English  ▼

X  

TSA5521 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TSA5521
Description  1.3 GHz universal bus-controlled TV synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TSA5521 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TSA5521 Datasheet HTML 12Page - NXP Semiconductors TSA5521 Datasheet HTML 13Page - NXP Semiconductors TSA5521 Datasheet HTML 14Page - NXP Semiconductors TSA5521 Datasheet HTML 15Page - NXP Semiconductors TSA5521 Datasheet HTML 16Page - NXP Semiconductors TSA5521 Datasheet HTML 17Page - NXP Semiconductors TSA5521 Datasheet HTML 18Page - NXP Semiconductors TSA5521 Datasheet HTML 19Page - NXP Semiconductors TSA5521 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
1996 Oct 10
16
Philips Semiconductors
Product specification
1.3 GHz universal bus-controlled
TV synthesizer
TSA5520; TSA5521
APPLICATION INFORMATION
Tuning amplifier
The tuning amplifier is capable of driving the varicap
voltage without an external transistor. The tuning voltage
output must be connected to an external load of 27 k
Ω
which is connected to the tuning voltage supply rail.
Figures 11 and 12 show a possible loop filter.
The component values depend on the oscillator
characteristics and the selected reference frequency.
Crystal oscillator
The crystal oscillator uses a 4 MHz crystal connected in
series with an 18 pF capacitor thereby operating in the
series resonance mode. Connecting the oscillator to the
supply voltage is preferred but it can, however, also be
connected to ground.
Examples of I2C-bus sequences (SW = LOW)
Tables 8 to 12 show the various sequences where fosc = 100 MHz, BS4 = ON, ICP = 280 µA, N = 512, fxtal = 4 MHz,
S = START, A = acknowledge and P = STOP. The sequence is as follows:
START + address byte + divider byte 1 + divider byte 2 + control byte + band switch byte + STOP.
For the complete sequence see Table 8 (sequence 1) or Table 9 (sequence 2).
Table 8
Complete sequence 1
Table 9
Complete sequence 2
Table 10 Divider bytes only sequence
Table 11 Control and band switch bytes only sequence
Table 12 Control byte only sequence
Other I2C-bus sequences are not allowed. Other I2C-bus addresses may be selected by applying an appropriate voltage
to the CE input.
Examples of 3-wire bus sequences (TSA5520; SW = OPEN)
Table 13 18-bit sequence (fosc = 800 MHz, BS4 = ON)
Table 14 19-bit sequence (fosc = 650 MHz, BS3 = ON)
The reference divider is automatically set to 512 unless RSB has been programmed to 0 during a 27-bit sequence.
S
C2
A
06A40A
CE
A08A
P
S
C2
A
CE
A08A06A40A
P
S
C2
A
06A40A
P
S
C2
A
CE
A08A
P
SC2A
CE
A
P
100011001000000000
0100101000101000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com