Electronic Components Datasheet Search
  English  ▼

X  

SA5522 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SA5522
Description  1.4 GHz I2C-bus controlled synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5522 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SA5522 Datasheet HTML 8Page - NXP Semiconductors SA5522 Datasheet HTML 9Page - NXP Semiconductors SA5522 Datasheet HTML 10Page - NXP Semiconductors SA5522 Datasheet HTML 11Page - NXP Semiconductors SA5522 Datasheet HTML 12Page - NXP Semiconductors SA5522 Datasheet HTML 13Page - NXP Semiconductors SA5522 Datasheet HTML 14Page - NXP Semiconductors SA5522 Datasheet HTML 15Page - NXP Semiconductors SA5522 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
1996 Jan 23
12
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled synthesizer
TSA5522
INTERNAL PIN CONFIGURATION
handbook, full pagewidth
P2
P1
V
P0
down
up
CC1
n.c.
EE
V
BS
RF2
RF1
to presscaler
divider
Vref
V
XTAL
3 k
Ω
1 k
Ω
1 k
Ω
1 k
Ω
300
µF
AS
AS
SDA
SCL
P7
control
CP
V
MLD228
V
CC1
V
CC1
P6
Vtune
V
CC1
V
CC1
P4
V
CC1
V
CC1
V
CC1
V
CC1
V
CC1
V
CC1
V
CC1
V
CC1
V
CC1
V
CC1
P5
V
CC1
V
X4
CC1
CC1
CC2
V
CC2
V
CC2
V
CC2
TSA5522
Fig.5 Internal pin configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com