Electronic Components Datasheet Search
  English  ▼

X  

SA5522 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA5522
Description  1.4 GHz I2C-bus controlled synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5522 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA5522 Datasheet HTML 1Page - NXP Semiconductors SA5522 Datasheet HTML 2Page - NXP Semiconductors SA5522 Datasheet HTML 3Page - NXP Semiconductors SA5522 Datasheet HTML 4Page - NXP Semiconductors SA5522 Datasheet HTML 5Page - NXP Semiconductors SA5522 Datasheet HTML 6Page - NXP Semiconductors SA5522 Datasheet HTML 7Page - NXP Semiconductors SA5522 Datasheet HTML 8Page - NXP Semiconductors SA5522 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1996 Jan 23
2
Philips Semiconductors
Product specification
1.4 GHz I2C-bus controlled synthesizer
TSA5522
FEATURES
• Complete 1.4 GHz single chip system
• Three PNP band switch buffers (20 mA)
• Four bus-controlled bidirectional ports (NPN
open-collector outputs); only one port in 16-pin version
• 33 V tuning voltage output
• In-lock detector
• 5-step ADC
• Mixer-Oscillator (M/O) band switch output
• 15-bit programmable divider
• Programmable reference divider ratio (512, 640
or 1024)
• Programmable charge-pump current (50 or 250 µA)
• Varicap drive disable
• I2C-bus format
– address plus 4 data bytes transmission (write mode)
– address plus 1 status byte transmission (read mode)
– three independent addresses
• Low power and low radiation.
APPLICATIONS
• TV tuners and front-ends
• VCR tuners.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TSA5522M
SSOP20
plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1
TSA5522T
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com