Electronic Components Datasheet Search
  English  ▼

X  

TLV2444IPW Datasheet(PDF) 15 Page - Texas Instruments

Part # TLV2444IPW
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2444IPW Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLV2444IPW Datasheet HTML 11Page - Texas Instruments TLV2444IPW Datasheet HTML 12Page - Texas Instruments TLV2444IPW Datasheet HTML 13Page - Texas Instruments TLV2444IPW Datasheet HTML 14Page - Texas Instruments TLV2444IPW Datasheet HTML 15Page - Texas Instruments TLV2444IPW Datasheet HTML 16Page - Texas Instruments TLV2444IPW Datasheet HTML 17Page - Texas Instruments TLV2444IPW Datasheet HTML 18Page - Texas Instruments TLV2444IPW Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
TLV2442, TLV2442A, TLV2444, TLV2444A
Advanced LinCMOS
 RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS169H – NOVEMBER 1996 – REVISED MARCH 2001
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE MARGIN
vs
FREQUENCY
60
40
20
0
–20
–40
10 k
100 k
1 M
10 M
f – Frequency – Hz
VDD = 5 V
RL = 600 Ω
CL = 600 pF
TA = 25°C
80
180
°
135
°
90
°
45
°
0
°
–45
°
–90
°
Figure 20
Figure 21
10
1
0.1
1000
100
–75
–25
25
75
125
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
VDD = 3 V
VIC = 2.5 V
VO = 1 V to 4 V
RL = 1 MΩ
RL = 600 Ω
–50
0
50
100
TA – Free-Air Temperature – °C
Figure 22
10
1
0.1
1000
100
–75
–25
25
75
125
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
VDD = 5 V
VIC = 2.5 V
VO = 1 V to 4 V
RL = 1 MΩ
RL = 600 Ω
–50
0
50
100
TA – Free-Air Temperature – °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com