Electronic Components Datasheet Search
  English  ▼

X  

TLV2444IPW Datasheet(PDF) 22 Page - Texas Instruments

Part # TLV2444IPW
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2444IPW Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV2444IPW Datasheet HTML 18Page - Texas Instruments TLV2444IPW Datasheet HTML 19Page - Texas Instruments TLV2444IPW Datasheet HTML 20Page - Texas Instruments TLV2444IPW Datasheet HTML 21Page - Texas Instruments TLV2444IPW Datasheet HTML 22Page - Texas Instruments TLV2444IPW Datasheet HTML 23Page - Texas Instruments TLV2444IPW Datasheet HTML 24Page - Texas Instruments TLV2444IPW Datasheet HTML 25Page - Texas Instruments TLV2444IPW Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
TLV2442, TLV2442A, TLV2444, TLV2444A
Advanced LinCMOS
 RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS169H – NOVEMBER 1996 – REVISED MARCH 2001
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 47
1.6
1.5
01
234
5
1.7
1.8
67
8
|VDD
±| – Supply Voltage – V
1.9
2
GAIN-BANDWIDTH PRODUCT
vs
SUPPLY VOLTAGE
RL = 600 Ω
CL = 100 pF
f = 10 kHz
TA = 25°C
Figure 48
10
100 k
CL – Load Capacitance – pF
PHASE MARGIN
vs
LOAD CAPACITANCE
1 k
100
RL = 600 Ω
TA = 25°C
75
°
60
°
45
°
30
°
15
°
0
°
Rnull = 0
Rnull = 100 Ω
Rnull = 50 Ω
Rnull = 20 Ω
10 k
Figure 49
5
0
10
10
15
100 K
CL – Load Capacitance – pF
20
25
GAIN MARGIN
vs
LOAD CAPACITANCE
1 K
100
RL = 600 Ω
TA = 25°C
10 K
Rnull = 100 Ω
Rnull = 50 Ω
Rnull = 20 Ω
Rnull = 0
Figure 50
0.5
0
10
1
100 k
CL – Load Capacitance – pF
1.5
2
UNITY-GAIN BANDWIDTH
vs
LOAD CAPACITANCE
1 k
100
RL = 600 Ω
TA = 25°C
10 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com