Electronic Components Datasheet Search
  English  ▼

X  

MRE Datasheet(PDF) 78 Page - Winchester Electronics Corporation

Part # MRE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

MRE Datasheet(HTML) 78 Page - Winchester Electronics Corporation

Back Button MRE Datasheet HTML 74Page - Winchester Electronics Corporation MRE Datasheet HTML 75Page - Winchester Electronics Corporation MRE Datasheet HTML 76Page - Winchester Electronics Corporation MRE Datasheet HTML 77Page - Winchester Electronics Corporation MRE Datasheet HTML 78Page - Winchester Electronics Corporation MRE Datasheet HTML 79Page - Winchester Electronics Corporation MRE Datasheet HTML 80Page - Winchester Electronics Corporation MRE Datasheet HTML 81Page - Winchester Electronics Corporation MRE Datasheet HTML 82Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 93 page
background image
Hood
Used on
DIMENSIONS
Code
of
Weight In
Number
Connectors
A
B
C
D
E
F-Thds Ounces
H9
M5, 7, 9, 10
.14
.66
.66
.27
.88
1
/ 2 - 20
.10
H10
M4
.16
.56
.69
.25
.75
3
/ 8 - 24
.05
H19
M5, 7, 9, 10
.30
.66
.66
.42
.88
1
/ 2 - 20
.08
H9C
M5, 7, 9, 10
.16
.66
.78
.55
.97
1
/ 2 - 20
.11
H10C
M4
.19
.56
.69
.44
.88
3
/ 8 - 24
.09
H19C
M5, 7, 9, 10
.30
.66
.78
.55
.97
1
/ 2 - 20
.12
H19CS
M5, 7, 9, 10
.30
.66
.66
.55
.86
1
/ 2 - 20
.11
H9S
M5, 7, 9, 10
.14
.66
.66
.55
1
/ 2 - 20
.07
H19S
M5, 7, 9, 10
.30
.66
.66
.55
1
/ 2 - 20
.06
HG9
M5, 7, 9, 10
.22
.66
.66
.59
1
/ 2 - 20
.10
HG18
M5, 7, 9, 10
.28
.66
.66
.59
1
/ 2 - 20
.11
HG9C
M5, 7, 9, 10
See Drawing
.14
H14
M4
See Drawing
.25
H16
M5, 7, 9, 10
See Drawing
.25
H12H
M12
See Drawing
1.10
■
Step 1
Series
Code:
M series
M
P/ S
■
Step 7
Hoods:
See hood code
number above.
Omit steps not required
■
Step 6
G = Ground lug
(M4 only)
■
Step 5
N = Nut
■
Step 4
LS = lock spring
LR = lock ring
LS6 = M12 lock spring
LR6 = M12 lock ring
LS12 = lock spring for
M12H hood
■
Step 3
Contact
Type:
P = Pin
S = Socket
■
Step 2
No. of
Contacts:
4, 5, 7, 9,
10, 12
M Series
RP /
78
www.winconn.com
Physical Data
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com