Electronic Components Datasheet Search
  English  ▼

X  

MRE Datasheet(PDF) 14 Page - Winchester Electronics Corporation

Part # MRE
Description  Rack & Panel
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

MRE Datasheet(HTML) 14 Page - Winchester Electronics Corporation

Back Button MRE Datasheet HTML 10Page - Winchester Electronics Corporation MRE Datasheet HTML 11Page - Winchester Electronics Corporation MRE Datasheet HTML 12Page - Winchester Electronics Corporation MRE Datasheet HTML 13Page - Winchester Electronics Corporation MRE Datasheet HTML 14Page - Winchester Electronics Corporation MRE Datasheet HTML 15Page - Winchester Electronics Corporation MRE Datasheet HTML 16Page - Winchester Electronics Corporation MRE Datasheet HTML 17Page - Winchester Electronics Corporation MRE Datasheet HTML 18Page - Winchester Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 93 page
background image
Turnable jackscrew-jacksocket combination (M,
C, or D) assembles on either Plug or Recep-
tacle; the mating connector-half (either
Receptacle or Plug) must then contain fixed
jackscrew-jacksocket combination (F).
Both short and long turning jackscrews (M and C)
have knurled and slotted knobs for locking by
hand or screwdriver. Knob is assembled on shaft
with hollow, removable, self-locking pin. Safety
wiring of engaged halves is achieved by using
the through-hole in self-locking pin in the knob.
Monojacks (D) are long turning one-peice
locking devices with slotted and knurled head.
Shaft has through-hole for safety wire.
available with hoods only, in sizes 34, 42, 50,
66, 75, and 104.
Drawings show extension of standard knobs
beyond shell and beyond hood.
Dimensions are for reference only and
are subject to change. Outline drawings
on request.
Views are rear (wiring end)
of female inserts. (Male
inserts are opposite.)
*On sizes 9, 14, 18, and 20, only large top opening hoods are available when (c) long turning jackscrews are used.
Catalog Number for large top opening hoods is - 0300X. Example: XAC20-0300X
Jackscrew locking device assures positive
coupling of engaged connectors to prevent
accidental disconnecting from vibration or
physical shock. It also aids easy connection
and separation of connector plug and
receptacle. Mounted connector-half houses
one non-turnable fixed jackscrew and
jacksocket to insure connector polarization.
Mating-half houses one of the three types of
turning jackscrew and jacksocket (M, C, or D).
Standard Knobs - Extension
Beyond Hood
XAC 9* 14* 18* 20* 26 34 42 50 66 75 104 34 42 50 66 75 104
0300 .55 .55 .55 .55 .77 .58 .53 .53 – .52 – .59 .55 .55 – .53 –
0400 .55 .55 .55 .55 .55 .58 .53 .53 – .52 – .59 .55 .55 – .53 –
0700
–
–
–
–
– .58 –
– .64 – .52 –
–
– .38 – .38
0800
–
–
–
–
– .58 –
– .64 – .52 –
–
– .38 – .38
Dimension A
Dimension B
LOCKING DEVICE
SPECIFICATIONS
WT. OZ.
CODE See Notes MATERIAL AND
LETTER
1 & 2
FINISH
Jackscrew
Nickel Plated Brass
Jacksocket
Fixed
F
0.15
Jackscrew
Short
Stainless Steel with
Jacksocket Turnable
M
0.30
Passivating Dip
Jackscrew
Long
Stainless Steel with
Jacksocket Turnable
C
0.45
Passivating Dip
Mono-Jackscrew
Long Turnable
D
1.07
Nickel Plated Brass
Mono-Jacksocket
Knob Standard
—
—
Aluminum Anodized
Note 1: Weights are for pairs; i.e. for a
jackscrew and jacksocket, etc., so
weight figure may be added once to
weights of other accessories when
computing total weight of plug or
receptacle.
Note 2: Weights of turnable jack-
screws and turnable jacksockets
include knob and rollpins, except
mono-jackscrew and mono-jacksocket,
which is a one-piece construction (shaft
and knob made in one piece); weight of
fixed jackscrew and jacksocket
includes nuts.
.73
Fixed Jackscrews (F)
Monojacks (D)
Used With Hoods
Long Turning Jackscrews (C)
Used With Hoods
Short Turning Jackscrews (M)
Used Only Without Hoods
}
}
}
External Miniature Rectangular, Removable Contacts
XAC Series
Jackscrew & Jacksockets
Specifications
Applications
Dimensions
RP /
14
www.winconn.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com