Electronic Components Datasheet Search
  English  ▼

X  

TZA1024 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TZA1024
Description  Data amplifier and laser supply circuit for CD audio and video optical systems ADALAS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA1024 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TZA1024 Datasheet HTML 4Page - NXP Semiconductors TZA1024 Datasheet HTML 5Page - NXP Semiconductors TZA1024 Datasheet HTML 6Page - NXP Semiconductors TZA1024 Datasheet HTML 7Page - NXP Semiconductors TZA1024 Datasheet HTML 8Page - NXP Semiconductors TZA1024 Datasheet HTML 9Page - NXP Semiconductors TZA1024 Datasheet HTML 10Page - NXP Semiconductors TZA1024 Datasheet HTML 11Page - NXP Semiconductors TZA1024 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1998 Oct 30
8
Philips Semiconductors
Product specification
Data amplifier and laser supply circuit for CD
audio and video optical systems (ADALAS)
TZA1024
CHARACTERISTICS
VDD = 2.4 V; VDD(L) − Vo(LASER) = 0.55 V; Ii(DIN) = 0 mA; Io(LASER) = 80 mA; VCMFB = 1⁄2VDD; PWRON = HIGH;
CDRW = LOW; EQSEL = open-circuit; CCFIL = 10 nF; RRFFB =10kΩ; pin RGADJ connected to ground; Tamb =25 °C;
unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
supply voltage
2.4
−
5.5
V
VDDL(L)
laser supply voltage
2.4
−
5.5
V
IDD
supply current
−
3
−
mA
Iq
quiescent supply
current
PWRON = LOW
−−
40
µA
RF amplifier
Ii(DIN)
central diode input
current
−70
−
+70
µA
Zi(DIN)
central diode input
impedance
−
100
−Ω
VCMFB
common mode
feedback input voltage
0.7
1
⁄2VDD
VDD − 0.4
V
VO(RFEQO)
RF amplifier output
DC-level
CDRW = LOW
VCMFB − 0.05 −
VCMFB + 0.25 V
CDRW = HIGH
VCMFB − 0.35 −
VCMFB + 0.35 V
Vo(RFEQO)
RF amplifier output
voltage
0.25
−
VDD − 0.25
V
Zo(RFEQO)
RF amplifier output
impedance
note 1
−
100
−Ω
td(f)(RF)
RF flatness delay
CDRW = LOW or HIGH
f < 1 MHz; n = 1;
EQSEL = LOW
−−
10
ns
f < 2 MHz; n = 2;
EQSEL = HIGH
−−
5ns
f < 4 MHz; n = 4;
EQSEL = open-circuit
−−
2.5
ns
GRF
RF path gain boost
CDRW = LOW or HIGH;
notes 2 and 3
f = 720 kHz; n = 1;
EQSEL = LOW
−
5
−
dB
f = 1440 kHz; n = 2;
EQSEL = HIGH
−
5
−
dB
f = 2880 kHz; n = 4;
EQSEL = open-circuit
−
0
−
dB
Ztr(RF)
RF transimpedance
note 4
CDRW = LOW
9.2
9.8
10.4
k
Ω
CDRW = HIGH
35.6
38
40.4
k
Ω
THDRF
RF total harmonic
distortion
note 3
−−50
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com