Electronic Components Datasheet Search
  English  ▼

X  

TZA1024 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TZA1024
Description  Data amplifier and laser supply circuit for CD audio and video optical systems ADALAS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA1024 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TZA1024 Datasheet HTML 9Page - NXP Semiconductors TZA1024 Datasheet HTML 10Page - NXP Semiconductors TZA1024 Datasheet HTML 11Page - NXP Semiconductors TZA1024 Datasheet HTML 12Page - NXP Semiconductors TZA1024 Datasheet HTML 13Page - NXP Semiconductors TZA1024 Datasheet HTML 14Page - NXP Semiconductors TZA1024 Datasheet HTML 15Page - NXP Semiconductors TZA1024 Datasheet HTML 16Page - NXP Semiconductors TZA1024 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1998 Oct 30
13
Philips Semiconductors
Product specification
Data amplifier and laser supply circuit for CD
audio and video optical systems (ADALAS)
TZA1024
The application for the TZA1024 (ADALAS) with the SAA7324 (CD10) without a coupling capacitor is shown in Fig.9.
A minimum supply voltage (VDD) is required for optimal performance.
Fig.9 Application diagram with SAA7324 (CD10) without coupling capacitor.
(1) See Equation (3) to calculate the value of this resistor.
(2) Pins EQSEL and CDRW can be controlled by the CD10 or a microprocessor but can also be fixed or switched by any other means.
(3) The 10 k
Ω feedback resistor between pins 9 and 10 is a fixed value.
(4) For recommended values per speed see Table 1.
(5) The high-pass filter (AC-coupling) is placed at the input of the preamplifier. The
−3 dB point (f = 10 kHz) is at
(6) The minimum supply voltage (VDD) without using a coupling capacitor is 2.8 V.
R2
Ω
() C2 F
()
×
4
---------------------------------------------
MGR524
handbook, full pagewidth
10 nF
100 nF
100 nF
100 nF
100 nF
TZA1024
(ADALAS)
SAA7324
(CD10)
OPU
1
2
3
4
5
6
7
8
14
13
12
11
10
9
LD
VDD(L)
CFIL
MON
DIN
GND
PWRON
CMFB
RFFB
RFEQO
CDRW
EQSEL
VDD
RGADJ
RRGADJ
(1)
from
microprocessor(2)
LD
D1
D2
D3
D4
S1
S2
D1
D2
D3
D4
S1
S2
MON
VCOM
HFIN
HFREF
ISLICE
LDON
VRIN
10 k
Ω(3)
1 k
Ω
C1(4)
C2(5)
VDD(LASER)
VDD
R2 (4
×)
VDD
(6)
LF FILTER
6
× 220 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com