Electronic Components Datasheet Search
  English  ▼

X  

ZT211ECT Datasheet(PDF) 1 Page - Zywyn Corporation

Part # ZT211ECT
Description  Low Power 5V 250kbps RS232 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZYWYN [Zywyn Corporation]
Direct Link  
Logo ZYWYN - Zywyn Corporation

ZT211ECT Datasheet(HTML) 1 Page - Zywyn Corporation

  ZT211ECT Datasheet HTML 1Page - Zywyn Corporation ZT211ECT Datasheet HTML 2Page - Zywyn Corporation ZT211ECT Datasheet HTML 3Page - Zywyn Corporation ZT211ECT Datasheet HTML 4Page - Zywyn Corporation ZT211ECT Datasheet HTML 5Page - Zywyn Corporation ZT211ECT Datasheet HTML 6Page - Zywyn Corporation ZT211ECT Datasheet HTML 7Page - Zywyn Corporation ZT211ECT Datasheet HTML 8Page - Zywyn Corporation ZT211ECT Datasheet HTML 9Page - Zywyn Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Zywyn Corporation
ZT230E
Specifications subject to change without notice
Zywyn
1
August 2004
rev. 02
General Description
The ZT230E series devices are +5V powered EIA/TIA-232
and V.28/V.24 communication interfaces with low power
requirements. These transceivers consist of combinations
up to five line drivers, five line receivers and the proprietary
switch-capacitor regulated voltage converters. The ZT211E
and ZT213E feature a low power shutdown mode which
draws as little current as 1
µA typical with receiver outputs
tri-stated and in wake-up. These devices operate from a
single +5V power supply at the guaranteed data rate of 250k
bits/sec with enhanced electrostatic discharge (ESD) pro-
tection in all RS232 I/O pins exceeding ±15kV HBM.
Applications
• Battery-Powered Applications
• Notebooks, Subnotebooks, and Palmtops
• Industrial and Embedded PCs
• Data Cables for Cell Phones and PDAs
• Terminal Adapters and POS terminals
• Peripherals interface
• Routers and HUBs
Features
• Meets EIA/TIA-232F and CCITT V.28/V.24 specifi-
cations for V
CC at +5V ±10%
• Low Quiescent Current – 3mA typ., 6mA max.
• Low Shutdown Current (where applicable) - 1µA
typical, 10µA max.
• Guaranteed Standard Data Rate 250kbps
• Proprietary Switch-Capacitor Regulated Voltage
Converters (patent pending)
• Wake Up Feature in Shutdown Mode
• Tri-State Receiver Outputs
• Latch-up Free
• ESD Protection for RS-232 I/O's
±15kV Human Body Model (HBM)
• Drop-in Replacements for MAX207E, SP207E,
MAX208E, SP208E, MAX211E, SP211E, MAX213E,
SP213E
• High Data Rate at 1000kbps Available on ZT230F
Series
Zywyn
ZT230E Low Power 5V 250kbps RS232 Transceivers
ZT207E, ZT208E
ZT211E, ZT213E
Low Power 5V 250kbps RS232 Transceivers
Zywyn Corporation • Tel (408) 733-3225 • Fax (408) 733-3206 • Email sales@zywyn.com • www.zywyn.com
Product Selection GuideAnd Cross Reference
Part
Number
# 0f
RS232
Tx
# of
RS232
Rx
# of Rx
active in
SD
# of
0.1µF
caps
Shut
Down
Wake
Up
TTL
Tri-
State
Data
Rate
(kbps)
ESD HBM
on
RS232 I/O
Pin-to-Pin
Cross
SIPEX
Pin-to-Pin
Cross
MAXIM
ZT207E
5
3
0
4
No
No
No
250
± 15kV
SP207E
MAX207E
ZT208E
4
4
0
4
No
No
No
250
± 15kV
SP208E
MAX208E
ZT211E
4
5
0
4
Yes
No
Yes
250
± 15kV
SP211E
MAX211E
ZT213E
4
5
2
4
Yes
Yes
Yes
250
± 15kV
SP213E
MAX213E
NowAvailable in Green Package Option


Similar Part No. - ZT211ECT

ManufacturerPart #DatasheetDescription
logo
Zywyn Corporation
ZT211F ZYWYN-ZT211F Datasheet
467Kb / 13P
Low Power 5V 1000kbps RS232 Transceivers
August 2004 rev. 02
ZT211FCA ZYWYN-ZT211FCA Datasheet
467Kb / 13P
Low Power 5V 1000kbps RS232 Transceivers
August 2004 rev. 02
ZT211FCT ZYWYN-ZT211FCT Datasheet
467Kb / 13P
Low Power 5V 1000kbps RS232 Transceivers
August 2004 rev. 02
ZT211FEA ZYWYN-ZT211FEA Datasheet
467Kb / 13P
Low Power 5V 1000kbps RS232 Transceivers
August 2004 rev. 02
ZT211FET ZYWYN-ZT211FET Datasheet
467Kb / 13P
Low Power 5V 1000kbps RS232 Transceivers
August 2004 rev. 02
More results

Similar Description - ZT211ECT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207E SIPEX-SP207E Datasheet
160Kb / 16P
5V High Performance RS232 Transceivers
SP207EH SIPEX-SP207EH Datasheet
204Kb / 16P
High Speed 5V High Performance RS232 Transceivers
logo
Linear Technology
LTC1383 LINER-LTC1383 Datasheet
212Kb / 8P
5V Low Power RS232 Transceiver
logo
Sipex Corporation
SP207E SIPEX-SP207E Datasheet
160Kb / 16P
5V High Performance RS232 Transceivers
logo
List of Unclassifed Man...
ZT483E ETC1-ZT483E Datasheet
576Kb / 14P
Low Power 5V 250kbps/10Mbps RS485 Transceivers
logo
Linear Technology
LTC1383 LINER-LTC1383_1 Datasheet
114Kb / 8P
5V Low Power RS232 Transceiver
LTC1383 LINER-LTC1383_15 Datasheet
120Kb / 8P
5V Low Power RS232 Transceiver
logo
Exar Corporation
SP213ECA-L-TR EXAR-SP213ECA-L-TR Datasheet
212Kb / 17P
High Speed 5V High Performance RS232 Transceivers
SP213EHCA-L-TR EXAR-SP213EHCA-L-TR Datasheet
212Kb / 17P
High Speed 5V High Performance RS232 Transceivers
logo
ASIX Electronics Corpor...
ZT3241E ASIX-ZT3241E Datasheet
1Mb / 16P
Low Power 3V to 5.5V 3D/5R 250Kbps RS232 Transceivers
Revision 2.00 Apr. 15th, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com