Electronic Components Datasheet Search
  English  ▼

X  

ZT211ECT Datasheet(PDF) 10 Page - Zywyn Corporation

Part # ZT211ECT
Description  Low Power 5V 250kbps RS232 Transceivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZYWYN [Zywyn Corporation]
Direct Link  
Logo ZYWYN - Zywyn Corporation

ZT211ECT Datasheet(HTML) 10 Page - Zywyn Corporation

Back Button ZT211ECT Datasheet HTML 5Page - Zywyn Corporation ZT211ECT Datasheet HTML 6Page - Zywyn Corporation ZT211ECT Datasheet HTML 7Page - Zywyn Corporation ZT211ECT Datasheet HTML 8Page - Zywyn Corporation ZT211ECT Datasheet HTML 9Page - Zywyn Corporation ZT211ECT Datasheet HTML 10Page - Zywyn Corporation ZT211ECT Datasheet HTML 11Page - Zywyn Corporation ZT211ECT Datasheet HTML 12Page - Zywyn Corporation ZT211ECT Datasheet HTML 13Page - Zywyn Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Zywyn Corporation
ZT230E
Specifications subject to change without notice
Zywyn
10
August 2004
rev. 02
Driver Transition-Region Slew Rate Test Circuit
Notes:
A. R
L = 3k~7kΩ , CL = 150pF to 1000pF,
One Driver Switching, T
A = 25
oC,
Measured from +3V to -3V or -3V to +3V.
B. The pulse generator had the following characteris-
tics:
PRR = 250 kbps, Zo = 50
Ω, 50% duty cycle,
T
r & Tf < 10ns
Driver Propagation (t
PHL & tPLH) Test Circuit
Notes:
A. All drivers loaded with R
L = 3kΩ , CL = 1000pF.
B. The pulse generator had the following characteristics:
PRR = 250 kbps, Zo = 50
Ω, 50% duty cycle,
T
r & Tf < 10ns
Receiver Propagation Delay Times Test Circuit
Notes:
A. C
L = 150pF, including probe and jig capacitance.
B. The pulse generator had the following characteristics:
PRR = 250 kbps, Zo = 50
Ω, 50% duty cycle,
T
r & Tf < 10ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com