Electronic Components Datasheet Search
  English  ▼

X  

OPA838IDBVT Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # OPA838IDBVT
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA838IDBVT Datasheet(HTML) 46 Page - Texas Instruments

Back Button OPA838IDBVT Datasheet HTML 42Page - Texas Instruments OPA838IDBVT Datasheet HTML 43Page - Texas Instruments OPA838IDBVT Datasheet HTML 44Page - Texas Instruments OPA838IDBVT Datasheet HTML 45Page - Texas Instruments OPA838IDBVT Datasheet HTML 46Page - Texas Instruments OPA838IDBVT Datasheet HTML 47Page - Texas Instruments OPA838IDBVT Datasheet HTML 48Page - Texas Instruments OPA838IDBVT Datasheet HTML 49Page - Texas Instruments OPA838IDBVT Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
13-Mar-2024
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
OPA838IDBVR
SOT-23
DBV
6
3000
180.0
180.0
18.0
OPA838IDBVT
SOT-23
DBV
6
250
180.0
180.0
18.0
OPA838IDCKR
SC70
DCK
5
3000
180.0
180.0
18.0
OPA838IDCKT
SC70
DCK
5
250
180.0
180.0
18.0
OPA838SIDCKR
SC70
DCK
6
3000
180.0
180.0
18.0
OPA838SIDCKT
SC70
DCK
6
250
180.0
180.0
18.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com