Electronic Components Datasheet Search
  English  ▼

X  

OPA838IDBVT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA838IDBVT
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA838IDBVT Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA838IDBVT Datasheet HTML 14Page - Texas Instruments OPA838IDBVT Datasheet HTML 15Page - Texas Instruments OPA838IDBVT Datasheet HTML 16Page - Texas Instruments OPA838IDBVT Datasheet HTML 17Page - Texas Instruments OPA838IDBVT Datasheet HTML 18Page - Texas Instruments OPA838IDBVT Datasheet HTML 19Page - Texas Instruments OPA838IDBVT Datasheet HTML 20Page - Texas Instruments OPA838IDBVT Datasheet HTML 21Page - Texas Instruments OPA838IDBVT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
6.9 Typical Characteristics: Over Supply Range (continued)
at PD = VS+ and TA = 25°C (unless otherwise noted)
R
to Ground (
LOAD
)
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
100
1k
+VCC 2.5 V
1.5 V
-2.5 V
-1.5 V
Ω
+VCC
-V CC
-V CC
Figure 6-55. Output Voltage Swing vs Load Resistor
IOUT (mA)
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
0.1
1
10
+VCC 2.5 V
1.5 V
-2.5 V
-1.5 V
+VCC
-V CC
-V CC
Figure 6-56. Output Saturation Voltage vs Load Current
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
700
800
900
1000
1100
1200
1300
D058
Figure 6-57. Quiescent Current vs Temperature
PD Voltage Above -VS Supply (V)
0.5
0.75
1
1.25
1.5
-200
0
200
400
600
800
1000
1200
IQ 5 V
IQ 3 V
Figure 6-58. Supply Current vs Power-Down Voltage:
Turn On Higher Than Turn Off
Input Common-Mode Voltage (Split Supplies, Volts)
-2.7 -2.3 -1.9 -1.5 -1.1 -0.7 -0.3 0.1
0.5
0.9
1.3
1.7
-100
-80
-60
-40
-20
0
20
40
60
80
100
5 units, 3-V and 5-V supplies
Figure 6-59. Input Offset Voltage vs Input Common-
Mode Voltage
Input Common-Mode Voltage (V)
-0.4
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
1000
-20
1050
-18
1100
-16
1150
-14
1200
-12
1250
-10
1300
-8
1350
-6
1400
-4
1450
-2
1500
0
1550
2
1600
4
1650
6
1700
8
5 V IB-
5 V IB+
5 V IOS
3 V IB-
3 V IB+
3 V IOS
Measured single device
Figure 6-60. Input Bias and Offset Current vs VICM
OPA838
SBOS867D – AUGUST 2017 – REVISED SEPTEMBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com