Electronic Components Datasheet Search
  English  ▼

X  

AD8022 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8022
Description  Dual High Speed, Low Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8022 Datasheet HTML 4Page - Analog Devices AD8022 Datasheet HTML 5Page - Analog Devices AD8022 Datasheet HTML 6Page - Analog Devices AD8022 Datasheet HTML 7Page - Analog Devices AD8022 Datasheet HTML 8Page - Analog Devices AD8022 Datasheet HTML 9Page - Analog Devices AD8022 Datasheet HTML 10Page - Analog Devices AD8022 Datasheet HTML 11Page - Analog Devices AD8022 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8022
Data Sheet
Rev. C | Page 8 of 16
TIME (ns)
0.4
0.2
0.1
0.3
0
–0.4
–0.3
–0.2
–0.1
0
20
40
60
80
100
120
+0.1%
–0.1%
Figure 16. Settling Time to 0.1%, VS = ±12 V,
Step Size = 2 V p-p, G = +2, RL = 500 Ω
TIME (ns)
0.4
0.2
0.1
0.3
0
–0.4
–0.3
–0.2
–0.1
0
20
40
60
80
100
120
+0.1%
–0.1%
Figure 17. Settling Time to 0.1%, VS = ±2.5 V, Step Size = 2 V p-p,
G = +2, RL = 500 Ω
SUPPLY VOLTAGE (V)
70
50
40
60
30
0
10
20
2.5
4.5
6.5
8.5
10.5
12.5
NEGATIVE EDGE
POSITIVE EDGE
Figure 18. Slew Rate vs. Supply Voltage, G = +2
FREQUENCY (Hz)
–50
–60
–70
–80
–90
–130
–120
–110
–100
1k
10k
100k
1M
10M
3RD
2ND
Figure 19. Distortion vs. Frequency, VS = ±12 V, RL = 500 Ω,
RF = 0 Ω, VOUT = 2 V p-p, G = +1
FREQUENCY (Hz)
–50
–60
–70
–80
–90
–130
–120
–110
–100
1k
10k
100k
1M
10M
3RD
2ND
Figure 20. Distortion vs. Frequency, VS = ±2.5 V,
RL = 500 Ω, RF = 0 Ω, VOUT = 2 V p-p, G = +1
OUTPUT VOLTAGE (V p-p)
–20
–30
–40
–50
–60
–120
–100
–90
–80
–70
0
5
10
15
20
3RD
2ND
Figure 21. Distortion vs. Output Voltage, VS = ±12 V,
G = +2, f = 1 MHz, RL = 500 Ω, RF = 715 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com