Electronic Components Datasheet Search
  English  ▼

X  

AD8022 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8022
Description  Dual High Speed, Low Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022 Datasheet(HTML) 1 Page - Analog Devices

  AD8022 Datasheet HTML 1Page - Analog Devices AD8022 Datasheet HTML 2Page - Analog Devices AD8022 Datasheet HTML 3Page - Analog Devices AD8022 Datasheet HTML 4Page - Analog Devices AD8022 Datasheet HTML 5Page - Analog Devices AD8022 Datasheet HTML 6Page - Analog Devices AD8022 Datasheet HTML 7Page - Analog Devices AD8022 Datasheet HTML 8Page - Analog Devices AD8022 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Dual High Speed,
Low Noise Op Amp
Data Sheet
AD8022
Rev. C
InformationfurnishedbyAnalogDevicesisbelievedtobeaccurateandreliable.However,no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
licenseisgrantedbyimplicationorotherwiseunderanypatentorpatentrightsofAnalogDevices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Low power amplifiers provide low noise and low distortion,
ideal for xDSL modem receiver
Wide supply range: +5 V, ±2.5 V to ±12 V voltage supply
Low power consumption: 4.0 mA/Amp
Voltage feedback
Ease of Use
Lower total noise (insignificant input current noise
contribution compared to current feedback amps)
Low noise and distortion
2.5 nV/√Hz voltage noise @ 100 kHz
1.2 pA/√Hz current noise
MTPR < −66 dBc (G = +7)
SFDR 110 dB @ 200 kHz
High speed
130 MHz bandwidth (−3 dB), G = +1
Settling time to 0.1%, 68 ns
50 V/μs slew rate
High output swing: ±10.1 V on ±12 V supply
Low offset voltage, 1.5 mV typical
APPLICATIONS
Receiver for ADSL, VDSL, HDSL, and proprietary
xDSL systems
Low noise instrumentation front end
Ultrasound preamps
Active filters
16-bit ADC buffers
FUNCTIONAL BLOCK DIAGRAM
AD8022
1
2
3
4
8
7
6
5
OUT1
–IN1
+IN1
–VS
+VS
OUT2
–IN2
+IN2
–
+
–
+
Figure 1.
GENERAL DESCRIPTIONS
The AD8022 consists of two low noise, high speed, voltage
feedback amplifiers. Each amplifier consumes only 4.0 mA of
quiescent current, yet has only 2.5 nV/√Hz of voltage noise.
These dual amplifiers provide wideband, low distortion
performance, with high output current optimized for stability
when driving capacitive loads. Manufactured on ADI’s high
voltage generation of XFCB bipolar process, the AD8022
operates on a wide range of supply voltages. The AD8022 is
available in both an 8-lead MSOP and an 8-lead SOIC. Fast over
voltage recovery and wide bandwidth make the AD8022 ideal as
the receive channel front end to an ADSL, VDSL, or proprietary
xDSL transceiver design.
In an xDSL line interface circuit, the AD8022’s op amps can be
configured as the differential receiver from the line transformer
or as independent active filters.
FREQUENCY (Hz)
100
10
1
10
10M
1M
100k
10k
1k
100
iN (pA/ Hz)
eN (nV/ Hz)
Figure 2. Current and Voltage Noise vs. Frequency


Similar Part No. - AD8022

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8022 AD-AD8022 Datasheet
223Kb / 15P
Dual High-Speed Low-Noise Op Amps
REV.0
AD8022 AD-AD8022 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD8022 AD-AD8022 Datasheet
370Kb / 16P
Dual High Speed, Low Noise Op Amp
REV. B
AD8022 AD-AD8022 Datasheet
484Kb / 28P
16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD8022 AD-AD8022 Datasheet
472Kb / 28P
18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
More results

Similar Description - AD8022

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD829 AD-AD829 Datasheet
321Kb / 12P
High-Speed, Low-Noise Video Op Amp
REV.E
AD829 AD-AD829_04 Datasheet
275Kb / 16P
High Speed, Low Noise Video Op Amp
4/04-Data Sheet changed from REV. F to REV. G.
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
Dual High Speed, Low Noise Op Amp
REV. B
logo
Linear Technology
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
Low Noise, High Speed Precision Op Amp
logo
Analog Devices
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_11 Datasheet
385Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
logo
Linear Technology
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
logo
Analog Devices
AD829 AD-AD829_15 Datasheet
379Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
Dual High Speed, Low Noise Op Amp
REV. C
AD829 AD-AD829_17 Datasheet
394Kb / 21P
High Speed, Low Noise Video Op Amp
10/11-Rev. H to Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com