Electronic Components Datasheet Search
  English  ▼

X  

KSP10 Datasheet(PDF) 1 Page - ON Semiconductor

Part # KSP10
Description  NPN Epitaxial Silicon Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KSP10 Datasheet(HTML) 1 Page - ON Semiconductor

  KSP10 Datasheet HTML 1Page - ON Semiconductor KSP10 Datasheet HTML 2Page - ON Semiconductor KSP10 Datasheet HTML 3Page - ON Semiconductor KSP10 Datasheet HTML 4Page - ON Semiconductor KSP10 Datasheet HTML 5Page - ON Semiconductor KSP10 Datasheet HTML 6Page - ON Semiconductor KSP10 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2002
June, 2022 − Rev. 3
1
Publication Order Number:
KS910/D
NPN Epitaxial Silicon
Transistor
KSP10
Features
• VHF/UHF Transistor
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
ABSOLUTE MAXIMUM RATINGS
Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Value
Unit
VCBO
Collector−Base Voltage
30
V
VCEO
Collector−Emitter Voltage
25
V
VEBO
Emitter−Base Voltage
3.0
V
PC
Collector Power Dissipation (TA = 25°C)
350
mW
Derate above 25°C
2.8
mW/°C
PC
Collector Power Dissipation (TC = 25°C)
1.0
W
Derate above 25°C
8.0
W/°C
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
−55 to
150
°C
Rth(j−c)
Thermal Resistance, Junction to Case
125
°C/W
Rth(j−a)
Thermal Resistance, Junction to Ambient
357
°C/W
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
MARKING DIAGRAM
TO−92 LF
CASE 135AR
A
= Assembly Code
KSP10 = Device Code
Y
= Year
WW
= Work Week
TO−92−3
CASE 135AN
1:Base
2:Emitter
3:Collector
Device
Package
Shipping
ORDERING INFORMATION
KSP10BU
TO−92 3
(Pb−Free)
10000 /
Bulk Bag
KSP10TA
TO−92 3 LF
(Pb−Free)
2000 /
Fan−Fold
AKS
P10
YWW
1 2
3
1
2
3


Similar Part No. - KSP10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSP10 FAIRCHILD-KSP10 Datasheet
51Kb / 5P
VHF/UHF transistor
KSP10 FAIRCHILD-KSP10 Datasheet
57Kb / 5P
NPN Epitaxial Silicon Transistor
logo
Foshan Blue Rocket Elec...
KSP10 FOSHAN-KSP10 Datasheet
880Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
ON Semiconductor
KSP10 ONSEMI-KSP10 Datasheet
162Kb / 7P
NPN Epitaxial Silicon Transistor
Rev. A2, September 2002
logo
Fairchild Semiconductor
KSP10BU FAIRCHILD-KSP10BU Datasheet
57Kb / 5P
NPN Epitaxial Silicon Transistor
More results

Similar Description - KSP10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com