Electronic Components Datasheet Search
  English  ▼

X  

KSP10 Datasheet(PDF) 2 Page - ON Semiconductor

Part # KSP10
Description  NPN Epitaxial Silicon Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KSP10 Datasheet(HTML) 2 Page - ON Semiconductor

  KSP10 Datasheet HTML 1Page - ON Semiconductor KSP10 Datasheet HTML 2Page - ON Semiconductor KSP10 Datasheet HTML 3Page - ON Semiconductor KSP10 Datasheet HTML 4Page - ON Semiconductor KSP10 Datasheet HTML 5Page - ON Semiconductor KSP10 Datasheet HTML 6Page - ON Semiconductor KSP10 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
KSP10
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (Values are at TA = 25°C unless otherwise noted.)
Symbol
Parameter
Conditions
Min
Max
Unit
BVCBO
Collector−Base Breakdown Voltage
IC = 100 mA, IE = 0
30
−
V
BVCEO
Collector−Emitter Breakdown Voltage
IC = 1 mA, IB = 0
25
−
V
BVEBO
Emitter−Base Breakdown Voltage
IE = 10 mA, IC = 0
3.0
−
V
ICBO
Collector Cut−Off Current
VCB = 25 V, IE = 0
−
100
nA
IEBO
Emitter Cut−Off Current
VEB = 2 V, IC = 0
−
100
nA
hFE
DC Current Gain
VCE = 10 V, IC = 4 mA
60
−
−
VCE(sat)
Collector−Emitter Saturation Voltage
IC = 4 mA, IB = 0.4 mA
−
0.5
V
VBE(on)
Base−Emitter On Voltage
VCE = 10 V, IC = 4 mA
−
0.95
V
fT
Current Gain Bandwidth Product
VCE = 10 V, IC = 4 mA, f = 100 MHz
650
−
MHz
Cob
Output Capacitance
VCB = 10 V, IE = 0, f = 1 MHz
−
0.7
pF
Crb
Collector Base Feedback Capacitance
VCB = 10 V, IE = 0, f = 1 MHz
0.35
0.65
pF
Cc·rbb′
Collector Base Time Constant
VCB = 10 V, IC = 4 mA, f = 31.8 MHz
−
9.0
ps
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Pulse Test: PW ≤ 300 ms, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com