Electronic Components Datasheet Search
  English  ▼

X  

TPS65131 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65131
Description  TPS65131-Q1 Positive- and Negative-Output DC-DC Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65131 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65131 Datasheet HTML 9Page - Texas Instruments TPS65131 Datasheet HTML 10Page - Texas Instruments TPS65131 Datasheet HTML 11Page - Texas Instruments TPS65131 Datasheet HTML 12Page - Texas Instruments TPS65131 Datasheet HTML 13Page - Texas Instruments TPS65131 Datasheet HTML 14Page - Texas Instruments TPS65131 Datasheet HTML 15Page - Texas Instruments TPS65131 Datasheet HTML 16Page - Texas Instruments TPS65131 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
In typical applications, the recommendation is to choose a 4.7µH inductor. The device is optimized to work with
inductance values between 3.3µH and 6.8µH. Nevertheless, operation with higher inductance values may be
possible in some applications. Perform detailed stability analysis in this case. Be aware of the possibility that
load transients and losses in the circuit can lead to higher currents than estimated in Equation 3 and Equation 4.
Also, the losses caused by magnetic hysteresis and conductor resistance are a major parameter for total circuit
efficiency.
The following table shows inductors from different suppliers used with the TPS65131-Q1 converter:
Table 8-2. List of Inductors
VENDOR(1)
INDUCTOR SERIES
EPCOS
B8246284-G4
Wurth Elektronik
7447789XXX
744031XXX
TDK
VLF3010
VLF4012
Cooper Electronics Technologies SD12
(1)
See Section 9.3
8.2.3.2 Capacitor Selection
8.2.3.2.1 Input Capacitor
As a recommendation, choose an input capacitors of at least 4.7µF for the input of the boost converter (INP)
and accordingly for the input of the inverting converter (INN). This improves transient behavior of the regulators
and EMI behavior of the total power-supply circuit. Choose a ceramic capacitor or a tantalum capacitor. For the
use of a tantalum capcitor, an additonal, smaller ceramic capacitor (100nF) in parallel is required. Place the input
capacitor(s) close to the input pins.
www.ti.com
TPS65131-Q1
SLVSBB2F – MAY 2012 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS65131-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com