Electronic Components Datasheet Search
  English  ▼

X  

TPS65131 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65131
Description  TPS65131-Q1 Positive- and Negative-Output DC-DC Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65131 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS65131 Datasheet HTML 17Page - Texas Instruments TPS65131 Datasheet HTML 18Page - Texas Instruments TPS65131 Datasheet HTML 19Page - Texas Instruments TPS65131 Datasheet HTML 20Page - Texas Instruments TPS65131 Datasheet HTML 21Page - Texas Instruments TPS65131 Datasheet HTML 22Page - Texas Instruments TPS65131 Datasheet HTML 23Page - Texas Instruments TPS65131 Datasheet HTML 24Page - Texas Instruments TPS65131 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
8.4 Layout
8.4.1 Layout Guidelines
As for all switching power supplies, the layout is an important step in the design, especially at high peak currents
and high switching frequencies. Improper layout might show the symptoms of poor line or load regulation,
ground and output voltage shifts, stability issues, unsatisfying EMI behavior or worsened efficiency. Therefore,
use wide and short traces for the main current paths and for the power ground tracks. The input capacitors
(C1, C2, C3), output capacitors (C4, C5), the inductors (L1, L2), and the rectifying diodes (D1, D2) should be
placed as close as possible to the IC to keep parasitic inductances low. Use a wide PGND plane. Connect the
analog ground pin (AGND) to the PGND plane. Further, connect the PGND plane with the exposed thermal pad.
Place the feedback dividers as close as possible to the control pin (boost converter) or the VREF pin (inverting
converter) of the IC.
Figure 8-21 provides an layout example which is recommended to be followed.
8.4.2 Layout Example
C7
19
20
21
22
23
24
12
11
10
9
8
7
VNEG
VPOS
PGND
VI
C6
R3
R4
C8
D2
L2
U1
R2
R1
C9
D1
L1
C4
R7
C3
C2
C1
Q1
PGND
PGND
PSN
NC
ENN
PSP
ENP
BSW
AGND
NC
CP
FBP
VPOS
INP
C5
C10
Figure 8-21. TPS65131-Q1 Layout Recommendation
www.ti.com
TPS65131-Q1
SLVSBB2F – MAY 2012 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS65131-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com