Electronic Components Datasheet Search
  English  ▼

X  

TPS73201DBVR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73201DBVR
Description  TPS732 Capacitor-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse Current Protection
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73201DBVR Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS73201DBVR Datasheet HTML 24Page - Texas Instruments TPS73201DBVR Datasheet HTML 25Page - Texas Instruments TPS73201DBVR Datasheet HTML 26Page - Texas Instruments TPS73201DBVR Datasheet HTML 27Page - Texas Instruments TPS73201DBVR Datasheet HTML 28Page - Texas Instruments TPS73201DBVR Datasheet HTML 29Page - Texas Instruments TPS73201DBVR Datasheet HTML 30Page - Texas Instruments TPS73201DBVR Datasheet HTML 31Page - Texas Instruments TPS73201DBVR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
8.7 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
9 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision P (December 2015) to Revision Q (September 2024)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Changed SON to VSON throughout document.................................................................................................. 1
• Changed VFB typical value................................................................................................................................ 6
• Added M3 ground pin current spec.................................................................................................................... 6
• Added M3 shutdown current spec...................................................................................................................... 6
• Added new silicon plots to Typical Characteristics ............................................................................................ 7
• Changed load current max source from 500mA to 250mA and dropout voltage from 250mV to 150mV in
Overview section.............................................................................................................................................. 16
• Changed total ESR drops below 50nΩF to total ESR drops below 50nF × Ω in Input and Output Capacitor
Requirements section.......................................................................................................................................21
• Added new silicon plots to Application Curves section.....................................................................................22
• Changed Layout Guidelines section.................................................................................................................23
• Added DBV and DCQ layout figures to Layout Examples section................................................................... 24
• Added M3 information to Device Nomenclature .............................................................................................. 27
Changes from Revision O (August 2010) to Revision P (December 2015)
Page
• Changed Features bullet about NMOS topology; deleted "new"........................................................................1
• Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section .................. 1
• Changed first paragraph of Description section; deleted description of NMOS topology as "new"....................1
• Changed Pin Configuration and Functions section; updated table format ........................................................ 3
10 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
TPS732
SBVS037Q – AUGUST 2003 – REVISED SEPTEMBER 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com