Electronic Components Datasheet Search
  English  ▼

X  

TPS73201DBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73201DBVR
Description  TPS732 Capacitor-Free, NMOS, 250mA, Low-Dropout Regulator With Reverse Current Protection
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73201DBVR Datasheet(HTML) 3 Page - Texas Instruments

  TPS73201DBVR Datasheet HTML 1Page - Texas Instruments TPS73201DBVR Datasheet HTML 2Page - Texas Instruments TPS73201DBVR Datasheet HTML 3Page - Texas Instruments TPS73201DBVR Datasheet HTML 4Page - Texas Instruments TPS73201DBVR Datasheet HTML 5Page - Texas Instruments TPS73201DBVR Datasheet HTML 6Page - Texas Instruments TPS73201DBVR Datasheet HTML 7Page - Texas Instruments TPS73201DBVR Datasheet HTML 8Page - Texas Instruments TPS73201DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
4 Pin Configuration and Functions
IN
GND
EN
NR/FB
OUT
1
2
3
4
5
Figure 4-1. DBV Package, 5-Pin SOT-23 (Top View)
IN
N/C
N/C
EN
8
7
6
5
OUT
N/C
NR/FB
GND
1
2
3
4
Figure 4-2. DRB Package, 8-Pin VSON With
Exposed Thermal Pad (Top View)
TAB IS GND
5
IN
OUT
GND
NR/FB
EN
4
3
6
2
1
Figure 4-3. DCQ Package, 6-Pin SOT-223
(Top View)
Table 4-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
SOT-23
SOT-223
VSON
IN
1
1
8
I
Input supply.
GND
2
3, 6
4, Pad
—
Ground.
EN
3
5
5
I
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts
the regulator into shutdown mode. See the Enable Pin and Shutdown section
under Feature Description for more details. Connect EN to IN if not used.
NR
4
4
3
—
Fixed voltage versions only—connecting an external capacitor to this pin
bypasses noise generated by the internal band gap, reducing output noise to
very low levels.
FB
4
4
3
I
Adjustable voltage version only—this pin is the input to the control loop error
amplifier, and is used to set the output voltage of the device.
OUT
5
2
1
O
Output of the regulator. There are no output capacitor requirements for stability.
www.ti.com
TPS732
SBVS037Q – AUGUST 2003 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com