Electronic Components Datasheet Search
  English  ▼

X  

TPSM83102 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPSM83102
Description  TPSM83102 and TPSM83103 1.2A Output Current Buck-Boost Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM83102 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPSM83102 Datasheet HTML 9Page - Texas Instruments TPSM83102 Datasheet HTML 10Page - Texas Instruments TPSM83102 Datasheet HTML 11Page - Texas Instruments TPSM83102 Datasheet HTML 12Page - Texas Instruments TPSM83102 Datasheet HTML 13Page - Texas Instruments TPSM83102 Datasheet HTML 14Page - Texas Instruments TPSM83102 Datasheet HTML 15Page - Texas Instruments TPSM83102 Datasheet HTML 16Page - Texas Instruments TPSM83102 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Table 7-3. Register CONTROL1 Field Descriptions
Bit
Field
Type
Reset
Description
7:4
NIL
R
0b0000
Not used.
During write operations data for these bits are ignored. During read operations 0 is
returned
3
EN_FAST_DVS
R/W
0b1
Sets DVS to fast mode
0 : DISABLE, 1 : ENABLE
2
EN_SCP
R/W
0b0
Enable short circuit hiccup protection
0 : DISABLE, 1 : ENABLE
1
NIL
R
0b0
Not used.
0
CONVERTER_EN R/W
0b0
Enable Converter ('AND'ed with EN-pin)
0 : DISABLE, 1 : ENABLE
7.6.1.3 Register VOUT (Register address: 0x03; Default: 0x5C)
Return to Register Map
Table 7-4. Register VOUT Format
7
6
5
4
3
2
1
0
VOUT[7 :0]
R/W
LEGEND: R/W = Read/Write
Table 7-5. Register VOUT Field Descriptions
Bit
Field
Type
Reset
Description
7:0
VOUT[7:0]
R/W
0x5C
These bits set the output voltage
Output voltage = 1.000 + (VOUT[7 :0] × 0.025) V when 0x00<=VOUT[7 :0]<=0xB4;
Output voltage = 5.5 V when 0xB5<=VOUT[7 :0]<=0xFF
7.6.1.4 Register CONTROL2 (Register address: 0x05; Default: 0x45)
Return to Register Map
Table 7-6. Register CONTROL2 Format
7
6
5
4
3
2
1
0
FPWM
FAST_RAMP_E
N
EN_DISCH_VOUT[1:0]
CL_RAMP_MIN
TD_RAMP[2:0]
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write
Table 7-7. Register CONTROL2 Field Descriptions
Bit
Field
Type
Reset
Description
7
FPWM
R/W
0b0
Force PWM operation
0 : DISABLE, 1 : ENABLE
6
FAST_RAMP_EN
R/W
0b1
Device can start-up faster then VOUT ramp
0 : DISABLE, 1 : ENABLE
www.ti.com
TPSM83102, TPSM83103
SLVSH13 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPSM83102 TPSM83103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com