Electronic Components Datasheet Search
  English  ▼

X  

TPS92201AMDRVR Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS92201AMDRVR
Description  TPS92201 1.5A High Efficiency Synchronous Buck LED Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92201AMDRVR Datasheet(HTML) 5 Page - Texas Instruments

  TPS92201AMDRVR Datasheet HTML 1Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 2Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 3Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 4Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 5Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 6Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 7Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 8Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
6.5 Electrical Characteristics
VIN = 2.5V to 5.5V, TA = –40°C to +85°C(TA = –55°C to +125°C for TPS92201MDRVR and TPS92201AMDRVR and for the
TPS92201MDRLR and TPS92201AMDRLR); Typical values are at TA = 25°C (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
VIN
Input voltage range
2.5
5.5
V
VIN_UVLO
VIN undervoltage lockout
Fallng VIN
2.1
2.2
V
Rising VIN
2.3
2.4
V
Hysteresis
0.1
V
ISD
Shutdown current into VIN
VIN = 3.6V, VEN = 0
0.1
0.5
µA
ISD_ET
Shutdown current into VIN
VIN = 3.6V, VEN =
0 (TPS92201MDRVR,TPS92201AMDRVR,
TPS92201MDRLR and TPS92201AMDRLR)
0.1
1.75
µA
IQ
Quiescent current into VIN
VIN = 3.6V, VEN = 2V, VFB=0V, Not switching
(TPS92201)
450
520
600
µA
VIN = 3.6V, VEN = 2V, VFB = 0V, Not switching
(TPS92201A)
520
630
720
µA
LOGIC INTERFACE
VEN_H
High-level threshold voltage of EN
1.2
V
VEN_L
Low-level threshold voltage of EN
0.4
V
VIH_PWM
High-level threshold voltage of PWM
1
V
VIL_PWM
Low-level threshold voltage of PWM
0.7
V
tEN_ON
EN minimum on time to enable device
µS
tEN_OFF
EN minimum off time to disable device
µS
tPWM_ON
PWM minimum on time when dimming the
output current
5
µS
fPWM
PWM input frequency
20
200
kHz
DPWM
PWM input duty cycle
1
100
%
ILKG
Leakage current of EN pin
VIN = 5.5V, VEN = 5.5V, VPWM = 5.5V,
1
µA
ILKG
Leakage current of PWM pin
VIN = 5.5V, VEN = 5.5V, VPWM = 5.5V,
0.5
µA
OUTPUT STAGE
VFB_REF
FB pin regulation voltage at maximum duty
cycle
PWM = 100%, IOUT = 500mA
92
100
104
mV
FB pin regulation voltage at 50% duty cycle
PWM = 50%, IOUT = 0mA(TM), FPWM=20KHz
-8%
50
+8%
mV
FB pin regulation voltage at 50% duty cycle
PWM = 50%, IOUT = 0mA(TM), FPWM=200KHz
-10%
50
+10%
mV
FB pin regulation voltage at 5% duty cycle
PWM = 5%, IOUT = 500mA
5
mV
FB pin regulation voltage at 1% duty cycle
PWM = 1%, IOUT = 500mA
1
mV
RHS
High-side FET on resistance
220
330
mΩ
RLS
Low-side FET on resistance
170
300
mΩ
fSW
Switching frequency
1.5
MHz
Dmax
Maximum switching duty cycle
100
%
ILIM_HS
High-side current limit
1.9
2.16
A
www.ti.com
TPS92201, TPS92201A
SLVSH40B – NOVEMBER 2023 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS92201 TPS92201A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com