Electronic Components Datasheet Search
  English  ▼

X  

TPS92201AMDRVR Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS92201AMDRVR
Description  TPS92201 1.5A High Efficiency Synchronous Buck LED Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92201AMDRVR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS92201AMDRVR Datasheet HTML 11Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 12Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 13Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 14Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 15Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 16Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 17Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 18Page - Texas Instruments TPS92201AMDRVR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
8.3 Power Supply Recommendations
The power supply to the TPS92201 must have a current rating according to the supply voltage, output voltage
and output current.
8.4 Layout
8.4.1 Layout Guidelines
The PCB layout is an important step to maintain the high performance of the TPS92201 device.
• The input/output capacitors and the inductor should be placed as close as possible to the IC. This keeps
the power traces short. Routing these power traces direct and wide results in low trace resistance and low
parasitic inductance.
• The low side of the input and output capacitors must be connected properly to the power GND to avoid a
GND potential shift.
• The sense traces connected to FB are signal traces. Special care should be taken to avoid noise being
induced. Keep these traces away from SW nodes.
• GND layers might be used for shielding.
8.4.2 Layout Example
PWM
FB
EN
GND
VIN
SW
GND
GND
VIN
sw
VOUT
L1
C1
C2
R1
Figure 8-14. TPS92201WSON Layout
PWM
FB
EN
GND
VIN
SW
GND
VIN
sw
VOUT
L1
C1
C2
R1
Figure 8-15. TPS92201SOT Layout
8.4.3 Thermal Considerations
Implementation of integrated circuits in low-profile and fine-pitch surface-mount packages typically requires
special attention to power dissipation. Many system-dependent issues such as thermal coupling, airflow,
convection surfaces, and the presence of other heat-generating components affect the power dissipation limits of
a given component.
Two basic approaches for enhancing thermal performance are listed below:
• Improving the power dissipation capability of the PCB design
• Introducing airflow in the system
For more details on how to use the thermal parameters, see the application notes: Thermal Characteristics
Application Notes SZZA017 and SPRA953.
www.ti.com
TPS92201, TPS92201A
SLVSH40B – NOVEMBER 2023 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TPS92201 TPS92201A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com