Electronic Components Datasheet Search
  English  ▼

X  

AD7843 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7843
Description  Touch Screen Digitizer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7843 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7843 Datasheet HTML 7Page - Analog Devices AD7843 Datasheet HTML 8Page - Analog Devices AD7843 Datasheet HTML 9Page - Analog Devices AD7843 Datasheet HTML 10Page - Analog Devices AD7843 Datasheet HTML 11Page - Analog Devices AD7843 Datasheet HTML 12Page - Analog Devices AD7843 Datasheet HTML 13Page - Analog Devices AD7843 Datasheet HTML 14Page - Analog Devices AD7843 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. 0
AD7843
–11–
reference mode can only be used with +VCC as the source of the
+REF voltage and cannot be used with VREF.
The disadvantage of this mode of operation is that during both
the acquisition phase and conversion process, the external touch
screen must remain powered. This will result in additional sup-
ply current for the duration of the conversion.
X+
Y–
Y+
IN+
+VCC
GND
IN– REF–
IN+ ADC CORE
REF+
Figure 7. Differential Reference Mode (SER/
DFR = 0)
CONTROL REGISTER
The control word provided to the ADC via the DIN pin is
shown in Table II. This provides the conversion start, channel
addressing, ADC conversion resolution, configuration and
power-down of the AD7843. Table II provides detailed infor-
mation on the order and description of these control bits within
the control word.
Initiate START
The first bit, the “S” bit, must always be set to 1 to initiate the
start of the control word. The AD7843 will ignore any inputs on
the DIN line until the start bit is detected.
Channel Addressing
The next three bits in the control register, A2, A1 and A0, select
the active input channel(s) of the input multiplexer (see Table I
and Figure 4), touch screen drivers, and the reference inputs.
MODE
The MODE bit sets the resolution of the analog to digital con-
verter. With a 0 in this bit the following conversion will have
12 bits of resolution. With a 1 in this bit the following conver-
sion will have 8 bits of resolution.
SER/
DFR
The SER/
DFR bit controls the reference mode which can be
either single ended or differential if a 1 or a 0 is written to this
bit respectively. The differential mode is also referred to as
the ratiometric conversion mode. This mode is optimum for
X-Position and Y-Position measurements. The reference is
derived from the voltage at the switch drivers, which is almost
the same as the voltage to the touch screen. In this case a sepa-
rate reference voltage is not needed as the reference voltage to
the analog to digital converter is the voltage across the touch
screen. In the single-ended mode, the reference voltage to the
converter is always the difference between the VREF and GND pins.
See Table I and Figures 4 through 7 for further information.
As the supply current required by the device is so low, a preci-
sion reference can be used as the supply source to the AD7843.
It may also be necessary to power the touch screen from the
reference, which may require 5 mA to 10 mA. A REF19x volt-
age reference can source up to 30 mA and, as such, could supply
both the ADC and the touch screen. Care must be taken, how-
ever, to ensure that the input voltage applied to the ADC does
not exceed the reference voltage and hence the supply voltage.
See Maximum Ratings section.
NOTE: The differential mode can only be used for X-Position
and Y-Position measurements All other measurements require
the single-ended mode.
PD0 and PD1
The power management options are selected by programming
the power management bits, PD0 and PD1, in the control regis-
ter. Table III summarizes the available options.
Table II. Control Register Bit Function Description
MSB
LSB
S
A2
A1
A0
MODE
SER/
DFR
PD1
PD0
Bit
Mnemonic
Comment
7
S
Start Bit. The Control word starts with the first high bit on DIN. A new control word can start every fifteenth
DCLK cycle when in the 12-bit conversion mode or every eleventh DCLK cycle when in 8-bit conversion mode.
6–4
A2–A0
Channel Select Bits. These three address bits along with the SER/
DFR bit control the setting of the multi-
plexer input, switches, and reference inputs, as detailed in Table I.
3
MODE
12-Bit/8-Bit Conversion Select Bit. This bit controls the resolution of the following conversion. With a 0 in
this bit the conversion will have 12-bit resolution or with a 1 in this bit, 8-bit resolution.
2
SER/
DFR
Single-Ended/Differential Reference Select Bit. Along with bits A2–A0, this bit controls the setting of the
multiplexer input, switches, and reference inputs as described in Table I.
1, 0
PD1, PD0
Power Management Bits. These two bits decode the power-down mode of the AD7843 as shown in Table III.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com