Electronic Components Datasheet Search
  English  ▼

X  

AD648 Datasheet(PDF) 8 Page - Analog Devices

Part # AD648
Description  Dual Precision, Low Power BiFET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD648 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD648 Datasheet HTML 4Page - Analog Devices AD648 Datasheet HTML 5Page - Analog Devices AD648 Datasheet HTML 6Page - Analog Devices AD648 Datasheet HTML 7Page - Analog Devices AD648 Datasheet HTML 8Page - Analog Devices AD648 Datasheet HTML 9Page - Analog Devices AD648 Datasheet HTML 10Page - Analog Devices AD648 Datasheet HTML 11Page - Analog Devices AD648 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD648
REV. E
–8–
SIGN BIT
BINARY NUMBER IN DAC REGISTER ANALOG OUTPUT
0
1111 1111 1111
+VIN
(4095/4096)
0
0000 0000 0000
0 V
1
0000 0000 0000
0 V
1
1111 1111 1111
–VIN
(4095/4096)
NOTE
SIGN BIT AT “0“ CONNECTS THE NONINVERTING INPUT OF
A2 TO ANALOG COMMON
Figure 25. Sign Magnitude Code Table
Figure 23c shows a diode clamp protection scheme for an I-to-V
converter using low leakage diodes. Because the diodes are
connected to the op amp’s summing junction, which is a virtual
ground, their leakage contribution is minimal.
Figure 23c. I-to-V Converter with Diode Input Protection
Exceeding the negative common-mode range on either input
terminal causes a phase reversal at the output, forcing the ampli-
fier output to the corresponding high or low state. Exceeding
the negative common mode on both inputs simultaneously
forces the output high. Exceeding the positive common-mode
range on a single input does not cause a phase reversal; but if
both inputs exceed the limit, the output will be forced high. In
all cases, normal amplifier operation is resumed when input
voltages are brought back within the common-mode range.
D/A CONVERTER BIPOLAR OUTPUT BUFFER
The circuit in Figure 24 provides 4 quadrant multiplication with
a resolution of 12 bits. The AD648 is used to convert the AD7545
CMOS DAC’s output current to a voltage and provides the
necessary level shifting to achieve a bipolar voltage output. The
circuit operates with a 12-bit plus sign input code. The transfer
function is shown in Figure 25.
The AD7592 is a fully protected dual CMOS SPDT switch with
data latches. R4 and R5 should match to within 0.01% to main-
tain the accuracy of the converter. A mismatch between R4 and
R5 introduces a gain error. Overall gain is trimmed by adjusting
RIN. The AD648’s low input offset voltage, low drift over tem-
perature, and excellent dynamics make it an attractive low
power output buffer.
The input offset voltage of the AD648 output amplifier results
in an output error voltage. This error voltage equals the input
offset voltage of the op amp times the noise gain of the amplifier.
That is:
VOS Output
= VOS Input 1+
RFB
RO
RFB is the feedback resistor for the op amp, which is internal to
the DAC. RO is the DAC’s R-2R ladder output resistance. The
value of RO is code dependent. This has the effect of changing
the offset error voltage at the amplifier’s output. An output
amplifier with a sub millivolt input offset voltage is needed to
preserve the linearity of the DAC’s transfer function.
Figure 24. 12-Bit Plus Sign Magnitude D/A Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com