Electronic Components Datasheet Search
  English  ▼

X  

AD648 Datasheet(PDF) 1 Page - Analog Devices

Part # AD648
Description  Dual Precision, Low Power BiFET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD648 Datasheet(HTML) 1 Page - Analog Devices

  AD648 Datasheet HTML 1Page - Analog Devices AD648 Datasheet HTML 2Page - Analog Devices AD648 Datasheet HTML 3Page - Analog Devices AD648 Datasheet HTML 4Page - Analog Devices AD648 Datasheet HTML 5Page - Analog Devices AD648 Datasheet HTML 6Page - Analog Devices AD648 Datasheet HTML 7Page - Analog Devices AD648 Datasheet HTML 8Page - Analog Devices AD648 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. E
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
Dual Precision,
Low Power BiFET Op Amp
AD648
FEATURES
DC Performance
400
A max Quiescent Current
10 pA max Bias Current, Warmed Up (AD648B)
1
V max Offset Voltage (AD648B)
10
V/ C max Drift (AD648B)
2
V p-p Noise, 0.1 Hz to 10 Hz
AC Performance
1.8 V/ s Slew Rate
1 MHz Unity Gain Bandwidth
Available in Plastic Mini-DIP, CERDIP, and Plastic SOIC
Packages
MIL-STD-883B Parts Available
Surface Mount (SOIC) Package Available in Tape and
Reel in Accordance with EIA-481A Standard
Single Version: AD548
PRODUCT DESCRIPTION
The AD648 is a matched pair of low power, precision mono-
lithic operational amplifiers. It offers both low bias current
(10 pA max, warmed up) and low quiescent current (400
µA
max) and is fabricated with ion-implanted FET and laser wafer
trimming technologies. Input bias current is guaranteed over the
AD648’s entire common-mode voltage range.
The economical J grade has a maximum guaranteed offset
voltage of less than 2 mV and an offset voltage drift of less than
20
µV/°C. This level of dc precision is achieved using Analog’s
laser wafer drift trimming process. The combination of low
quiescent current and low offset voltage drift minimizes changes
in input offset voltage due to self-heating effects. Five grades are
offered over the commercial, industrial and military temperature
ranges.
The AD648 is recommended for any dual supply op amp
application requiring low power and excellent dc and ac per-
formance. In applications such as battery-powered, precision
instrument front ends and CMOS DAC buffers, the AD648’s
excellent combination of low input offset voltage and drift, low
bias current, and low 1/f noise reduces output errors. High
common-mode rejection (82 dB, min on the “B” grade) and
high open-loop gain ensures better than 12-bit linearity in high
impedance, buffer applications.
The AD648 is pinned out in a standard dual op amp configura-
tion and is available in seven performance grades. The AD648J
and AD648K are rated over the commercial temperature range
of 0
°C to 70°C. The AD648 and AD648B are rated over the
industrial temperature range of –40
°C to +85°C. The AD648S
and AD648T are rated over the military temperature range of
–55
°C to +125°C and the AD648T* grade is available pro-
cessed to MIL-STD-883B, Rev. C.
The AD648 is available in an 8-lead plastic mini-DIP,
CERDIP, and SOIC.
*Not for new design, obsolete April 2002.
PRODUCT HIGHLIGHTS
1. A combination of low supply current, excellent dc and ac
performance and low drift makes the AD648 the ideal op
amp for high performance, low power applications.
2. The AD648 is pin compatible with industry standard dual
op amps such as the LF442, TL062, and AD642, enabling
designers to improve performance while achieving a reduc-
tion in power dissipation of up to 85%.
3. Guaranteed low input offset voltage (2 mV max) and drift
(20
µV/°C max) for the AD648J are achieved using Analog
Devices’ laser drift trimming technology.
4. Analog Devices specifies each device in the warmed-up
condition, insuring that the device will meet its published
specifications in actual use.
5. Matching characteristics are excellent for all grades. The
input offset voltage matching between amplifiers in the
AD648J is within 2 mV.
6. Crosstalk between amplifiers is less than –120 dB at 1 kHz.
CONNECTION DIAGRAM
Plastic Mini-Dip (N) Package,
Plastic SOIC (R) Package
and
CERDIP (Q) Package
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002


Similar Part No. - AD648

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD648 AD-AD648 Datasheet
335Kb / 12P
Dual Precision, Low Power BiFET Op Amp
AD648A AD-AD648A Datasheet
335Kb / 12P
Dual Precision, Low Power BiFET Op Amp
AD648AH AD-AD648AH Datasheet
335Kb / 12P
Dual Precision, Low Power BiFET Op Amp
AD648AQ AD-AD648AQ Datasheet
335Kb / 12P
Dual Precision, Low Power BiFET Op Amp
AD648B AD-AD648B Datasheet
335Kb / 12P
Dual Precision, Low Power BiFET Op Amp
More results

Similar Description - AD648

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD548 AD-AD548 Datasheet
198Kb / 8P
Precision, Low Power BiFET Op Amp
AD642 AD-AD642 Datasheet
395Kb / 6P
Precision, Low Cost Dual BiFET Op Amp
REV.0
AD648 AD-AD648 Datasheet
335Kb / 12P
Dual Precision, Low Power BiFET Op Amp
AD712 AD-AD712_06 Datasheet
522Kb / 20P
Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD548 AD-AD548_02 Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548KNZ AD-AD548KNZ Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548SH AD-AD548SH Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548 AD-AD548_15 Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD642 AD-AD642_15 Datasheet
399Kb / 6P
Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD648 AD-AD648_15 Datasheet
209Kb / 12P
Dual Precision, Low Power BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com