Electronic Components Datasheet Search
  English  ▼

X  

AD706 Datasheet(PDF) 6 Page - Analog Devices

Part # AD706
Description  Dual Picoampere Input Current Bipolar Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD706 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD706 Datasheet HTML 2Page - Analog Devices AD706 Datasheet HTML 3Page - Analog Devices AD706 Datasheet HTML 4Page - Analog Devices AD706 Datasheet HTML 5Page - Analog Devices AD706 Datasheet HTML 6Page - Analog Devices AD706 Datasheet HTML 7Page - Analog Devices AD706 Datasheet HTML 8Page - Analog Devices AD706 Datasheet HTML 9Page - Analog Devices AD706 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
–6–
AD706
FREQUENCY – Hz
–80
–160
10
100
1k
10k
100k
–120
–100
–140
Figure 2a. Crosstalk vs. Frequency
3
2
4
1
SINE WAVE
GENERATOR
1/2
AD706
0.1 F
+VS 0.1 F
RL
2k
–VS
20V p-p
VOUT1
20k
6
5
7
8
1 F
0.1 F
+VS
2.21k
CROSSTALK = 20 LOG10
–20dB
VOUT2
VOUT2
VOUT1
1/2
AD706
Figure 2b. Crosstalk Test Circuit
FREQUENCY – Hz
1000
0.1
1
10
100
1k
10k
10
100
1
0.001
0.01
100k
AV = –1000
AV = + 1
IOUT = +1mA
Figure 3. Magnitude of Closed-Loop Output
Impedance vs. Frequency
4
0.1 F
+VS
8
1/2
AD706
VIN
0.1 F
RL
2k
CL
VOUT
RF
SQUARE
WAVE
INPUT
–VS
Figure 4a. Unity Gain Follower (For large signal
applications, resistor RF limits the current
through the input protection diodes.)
Figure 4b. Unity Gain Follower Large
Signal Pulse Response, RF = 10 k
Ω,
CL = 1,000 pF
Figure 4c. Unity Gain Follower
Small Signal Pulse Response,
RF = 0
Ω, CL = 100 pF
Figure 4d. Unity Gain Follower
Small Signal Pulse Response,
RF = 0
Ω, CL = 1000 pF
REV. G



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com