Electronic Components Datasheet Search
  English  ▼

X  

AD706 Datasheet(PDF) 1 Page - Analog Devices

Part # AD706
Description  Dual Picoampere Input Current Bipolar Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD706 Datasheet(HTML) 1 Page - Analog Devices

  AD706 Datasheet HTML 1Page - Analog Devices AD706 Datasheet HTML 2Page - Analog Devices AD706 Datasheet HTML 3Page - Analog Devices AD706 Datasheet HTML 4Page - Analog Devices AD706 Datasheet HTML 5Page - Analog Devices AD706 Datasheet HTML 6Page - Analog Devices AD706 Datasheet HTML 7Page - Analog Devices AD706 Datasheet HTML 8Page - Analog Devices AD706 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FEATURES
High DC Precision
100
V Max Offset Voltage
1.5
V/ C Max Offset Drift
200 pA Max Input Bias Current
0.5
V p-p Voltage Noise, 0.1 Hz to 10 Hz
750
A Supply Current
Available in 8-Lead PDlP
and Surface-Mount (SOIC) Packages
Available in Tape and Reel in Accordance with
EIA-481A Standard
Quad Version: AD704
APPLICATIONS
Low Frequency Active Filters
Precision Instrumentation
Precision Integrators
CONNECTION DIAGRAM
PDIP (N) and Plastic SOIC
(R) Packages
TOP VIEW
OUTPUT
–IN
IN
V
OUTPUT
–IN
IN
V–
AD706
1
2
3
4
8
7
6
5
AMPLIFIER 1
AMPLIFIER 2
GENERAL DESCRIPTION
The AD706 is a dual, low power, bipolar op amp that has the
low input bias current of a JFET amplifier, but which offers a
significantly lower IB drift over temperature. It utilizes superbeta
bipolar input transistors to achieve picoampere input bias current
levels (similar to FET input amplifiers at room temperature),
while its IB typically only increases by 5
at 125
°C (unlike a
JFET amp, for which IB doubles every 10
°C for a 1000
increase at 125
°C). The AD706 also achieves the microvolt
offset voltage and low noise characteristics of a precision bipolar
input amplifier.
Since it has < 200 pA of bias current, the AD706 does not
require the commonly used “balancing” resistor. Furthermore,
the current noise is only 50 fA/
√Hz, which makes this amplifier
usable with very high source impedances. At 600 A max supply
current (per amplifier), the AD706 is well suited for today’s
high density boards.
The AD706 is an excellent choice for use in low frequency
active filters in 12-bit and 14-bit data acquisition systems, in
precision instrumentation, and as a high quality integrator. The
AD706 is internally compensated for unity gain and is available
in five performance grades. The AD706J is rated over the
commercial temperature range of 0
°C to +70°C. The AD706A is
rated for the extended industrial temperature range of –40
°C
to +85
°C.
The AD706 is offered in two varieties of an 8-lead package:
PDIP and surface-mount (SOIC).
PRODUCT HIGHLIGHTS
1. The AD706 is a dual low drift op amp that offers JFET
level input bias currents, yet has the low IB drift of a bipolar
amplifier. It may be used in circuits using dual op amps
such as the LT1024.
2. The AD706 provides both low drift and high dc precision.
3. The AD706 can be used in applications where a chopper
amplifier would normally be required but without the
chopper’s inherent noise.
TEMPERATURE – C
100
0.01
1
0.1
10
–55
+125
+25
+110
TYPICAL JFET AMP
AD706
Figure 1. Input Bias Current vs. Temperature
Dual Picoampere Input Current
Bipolar Op Amp
Data Sheet
AD706
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2002–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
Dual Picoampere Input Current
Bipolar Op Amp
Data Sheet
AD706
Rev. G
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2002–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - AD706

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD706 AD-AD706 Datasheet
246Kb / 8P
Dual Picoampere Input Current Bipolar Op Amp
REV.C
AD706 AD-AD706 Datasheet
220Kb / 12P
Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706 AD-AD706 Datasheet
191Kb / 12P
Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706 AD-AD706 Datasheet
230Kb / 12P
Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706 AD-AD706 Datasheet
266Kb / 16P
Picoampere Input Current Quad Bipolar Op Amp
Rev. E
More results

Similar Description - AD706

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD705 AD-AD705 Datasheet
451Kb / 8P
Picoampere Input Current Bipolar Op Amp
REV.B
AD706 AD-AD706 Datasheet
246Kb / 8P
Dual Picoampere Input Current Bipolar Op Amp
REV.C
AD706 AD-AD706_02 Datasheet
350Kb / 12P
Dual Picoampere Input Current Bipolar Op Amp
10/02-Data Sheet changed from REV. C to REV. D
AD706 AD-AD706_03 Datasheet
220Kb / 12P
Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JNZ AD-AD706JNZ Datasheet
230Kb / 12P
Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ-REEL7 AD-AD706JRZ-REEL7 Datasheet
230Kb / 12P
Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706ARZ AD-AD706ARZ Datasheet
191Kb / 12P
Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706ARZ AD-AD706ARZ Datasheet
182Kb / 12P
Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ AD-AD706JRZ Datasheet
230Kb / 12P
Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD705 AD-AD705_15 Datasheet
559Kb / 3P
PICOAMPERE INPUT CURRENT BIPOLAR OP AMP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com