Electronic Components Datasheet Search
  English  ▼

X  

AD8002 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8002
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8002 Datasheet HTML 2Page - Analog Devices AD8002 Datasheet HTML 3Page - Analog Devices AD8002 Datasheet HTML 4Page - Analog Devices AD8002 Datasheet HTML 5Page - Analog Devices AD8002 Datasheet HTML 6Page - Analog Devices AD8002 Datasheet HTML 7Page - Analog Devices AD8002 Datasheet HTML 8Page - Analog Devices AD8002 Datasheet HTML 9Page - Analog Devices AD8002 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
AD8002
Data Sheet
Rev. E | Page 6 of 21
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
OUT1
1
–IN1
2
+IN1
3
V–
4
V+
8
OUT2
7
–IN2
6
+IN2
5
AD8002
(Not to Scale)
TOP VIEW
Figure 4. 8-Lead SOIC
1
2
3
4
–IN1
+IN1
V–
OUT1
8
7
6
5
OUT2
–IN2
+IN2
V+
AD8002
(Not to Scale)
TOP VIEW
Figure 5. 8-Lead MSOP
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUT1
Output 1
2
−IN1
Inverting Input 1
3
+IN1
Noninverting Input 1
4
V−
VEE or Negative Supply
5
+IN2
Noninverting Input 2
6
−IN2
Inverting Input 2
7
OUT2
Output 2
8
V+
VCC or Positive Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com