Electronic Components Datasheet Search
  English  ▼

X  

AD8002 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8002
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8002 Datasheet HTML 9Page - Analog Devices AD8002 Datasheet HTML 10Page - Analog Devices AD8002 Datasheet HTML 11Page - Analog Devices AD8002 Datasheet HTML 12Page - Analog Devices AD8002 Datasheet HTML 13Page - Analog Devices AD8002 Datasheet HTML 14Page - Analog Devices AD8002 Datasheet HTML 15Page - Analog Devices AD8002 Datasheet HTML 16Page - Analog Devices AD8002 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Data Sheet
AD8002
Rev. E | Page 13 of 21
TEST CIRCUITS
PULSE
GENERATOR
953Ω
+5V
RL = 100Ω
–5V
50Ω
VIN
0.1µF
0.1µF
10µF
10µF
tR/tF = 250ps
75Ω
AD8002
2
1
3
8
4
Figure 40. Test Circuit, Gain = +1
75Ω
50Ω
50Ω
RF
681Ω
681Ω
Figure 41. Frequency Response and Flatness Test Circuit (See Figure 10)
75Ω
50Ω
953Ω
50Ω
Figure 42. Frequency Response Test Circuit (See Figure 16)
75Ω
50Ω
50Ω
1.21kΩ
Figure 43. Large Signal Frequency Response Test Circuit (See Figure 20)
PULSE
GENERATOR
750Ω
+5V
RL = 100Ω
–5V
50Ω
VIN
0.1µF
0.1µF
10µF
10µF
tR/tF = 250ps
75Ω
750Ω
AD8002
2
1
3
8
4
Figure 44. Test Circuit, Gain = +2
604Ω
VIN
154Ω
154Ω
604Ω
50Ω
57.6Ω
–5V
0.1µF
Figure 45. CMRR Test Circuit (See Figure 34)
576Ω
54.9Ω
50Ω
50Ω
576Ω
Figure 46. 100 mV Step Response, G = −1
274Ω
61.9Ω
50Ω
50Ω
549Ω
Figure 47. 100 mV Step Response, G = −2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com