Electronic Components Datasheet Search
  English  ▼

X  

AD8397 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8397
Description  Rail-to-Rail, High Output Current Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8397 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8397 Datasheet HTML 5Page - Analog Devices AD8397 Datasheet HTML 6Page - Analog Devices AD8397 Datasheet HTML 7Page - Analog Devices AD8397 Datasheet HTML 8Page - Analog Devices AD8397 Datasheet HTML 9Page - Analog Devices AD8397 Datasheet HTML 10Page - Analog Devices AD8397 Datasheet HTML 11Page - Analog Devices AD8397 Datasheet HTML 12Page - Analog Devices AD8397 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
AD8397
Rev. B | Page 9 of 16
10
–40
–30
–20
–10
0
0.01
100
10
1
0.1
FREQUENCY (MHz)
G = +10
G = +2
G = +1
Figure 11. Small Signal Frequency Response for Various Gains
(VS = ±5 V, VO = 0.1 V p-p, RL = 25 Ω)
G = +1, RF = 0, RL = 25Ω, VOUT = 100mV p-p
GOLD BOARD: A01023A
–60
–50
–40
–30
–20
–10
0
10
10k
100k
1M
10M
100M
1G
FREQUENCY (MHz)
VS = ±1.5V
VS = ±2.5V
VS = ±5.0V
VS = ±12.0V
Figure 12. Small Signal Frequency Response for Various Supplies
(Gain = +1, VO = 0.1 V p-p, RL = 25 Ω)
100
–40
–20
0
20
40
60
80
135
–180
–135
–90
–45
0
45
90
0.001
0.01
0.1
1
10
100
1000
FREQUENCY (MHz)
PHASE
GAIN
Figure 13. Open-Loop Gain and Phase vs. Frequency
(VS = ±5 V, RL = 25 Ω)
–80
–70
–60
–50
–40
–30
–20
–10
0
10
10k
100k
1M
10M
100M
1G
FREQUENCY (MHz)
G = 1 ±5VPS
G = 2
G = 10
G = +1, +2, +10, ±5VPS, RL = 25Ω, VOUT = 2V p-p
GOLD BOARD: A01023A
Figure 14. Large Signal Frequency Response for Various Gains
(VS = ±5 V, VO = 2 V p-p, RL = 25 Ω)
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10k
100k
1M
10M
100M
1G
FREQUENCY (MHz)
G = +1, RF = 0, RL = 25Ω, VOUT = 100 mV p-p
GOLD BOARD: A01023A
VS = ±1.5V
VS = ±2.5V
VS = ±5.0V
VS = ±12.0V
Figure 15. Large Signal Frequency Response for Various Supplies
(Gain = +1, VO = 2 V p-p, RL = 25 Ω)
–80
–70
–60
–50
–40
–30
–20
–10
0
0.01
0.1
1
FREQUENCY (MHz)
10
100
+PSRR
–PSRR
Figure 16. Power Supply Rejection Ratio (PSRR) vs. Frequency
(VS = ±5 V, RL = 25 Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com