Electronic Components Datasheet Search
  English  ▼

X  

AD8397ARDZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8397ARDZ
Description  Rail-to-Rail, High Output Current Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8397ARDZ Datasheet(HTML) 3 Page - Analog Devices

  AD8397ARDZ Datasheet HTML 1Page - Analog Devices AD8397ARDZ Datasheet HTML 2Page - Analog Devices AD8397ARDZ Datasheet HTML 3Page - Analog Devices AD8397ARDZ Datasheet HTML 4Page - Analog Devices AD8397ARDZ Datasheet HTML 5Page - Analog Devices AD8397ARDZ Datasheet HTML 6Page - Analog Devices AD8397ARDZ Datasheet HTML 7Page - Analog Devices AD8397ARDZ Datasheet HTML 8Page - Analog Devices AD8397ARDZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
AD8397
Rev. B | Page 3 of 16
SPECIFICATIONS
VS = ±1.5 V or +3 V (at TA = 25°C, G = +1, RL = 25 Ω, unless otherwise noted)1.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
VOUT = 0.1 V p-p
50
MHz
0.1 dB Flatness
VOUT = 0.1 V p-p
3.6
MHz
Large Signal Bandwidth
VOUT = 2.0 V p-p
9
MHz
Slew Rate
VOUT = 0.8 V p-p
32
V/μs
NOISE/DISTORTION PERFORMANCE
Distortion (Worst Harmonic)
fC = 100 kHz, VOUT = 1.4 V p-p, G = +2
−90
dBc
Input Voltage Noise
f = 100 kHz
4.5
nV/√Hz
Input Current Noise
f = 100 kHz
1.5
pA/√Hz
DC PERFORMANCE
Input Offset Voltage
1.0
2.5
mV
TMIN − TMAX
2.5
mV
Input Offset Voltage Match
1.0
2.0
mV
Input Bias Current
200
900
nA
TMIN − TMAX
1.3
μA
Input Offset Current
50
300
nA
Open-Loop Gain
VOUT = ±0.5 V
81
88
dB
INPUT CHARACTERISTICS
Input Resistance
f = 100 kHz
87
kΩ
Input Capacitance
1.4
pF
Common-Mode Rejection
ΔVCM = ±1 V
−71
−80
dB
OUTPUT CHARACTERISTICS
Output Resistance
0.2
Ω
+Swing
RLOAD = 25 Ω
+1.33
+1.39
VP
−Swing
RLOAD = 25 Ω
−1.36
−1.34
VP
+Swing
RLOAD = 100 Ω
+1.43
+1.47
VP
−Swing
RLOAD = 100 Ω
−1.46
−1.42
VP
Peak AC Output Current2
SFDR ≤ −70 dBc, f = 100 kHz, VOUT = 0.7 VP, RLOAD = 4.1 Ω
170
mA
POWER SUPPLY
Operating Range (Dual Supply)
±1.5
±12.0
V
Supply Current
6
7
8.5
mA/Amp
Power Supply Rejection
ΔVS = ±0.5 V
−70
−82
dB
1 Unity gain used to facilitate characterization. To improve stability, a gain of 2 or greater is recommended.
2 Peak ac output current specification assumes normal ac operation and is not valid for continuous dc operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com