Electronic Components Datasheet Search
  English  ▼

X  

AD8397ARDZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8397ARDZ
Description  Rail-to-Rail, High Output Current Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8397ARDZ Datasheet(HTML) 1 Page - Analog Devices

  AD8397ARDZ Datasheet HTML 1Page - Analog Devices AD8397ARDZ Datasheet HTML 2Page - Analog Devices AD8397ARDZ Datasheet HTML 3Page - Analog Devices AD8397ARDZ Datasheet HTML 4Page - Analog Devices AD8397ARDZ Datasheet HTML 5Page - Analog Devices AD8397ARDZ Datasheet HTML 6Page - Analog Devices AD8397ARDZ Datasheet HTML 7Page - Analog Devices AD8397ARDZ Datasheet HTML 8Page - Analog Devices AD8397ARDZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rail-to-Rail, High Output
Current Amplifier
Data Sheet
AD8397
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Dual operational amplifier
Voltage feedback
Wide supply range from 3 V to 24 V
Rail-to-rail output
Output swing to within 0.5 V of supply rails
High linear output current
310 mA peak into 32 Ω on ±12 V supplies while maintaining
−80 dBc SFDR
Low noise
4.5 nV/√Hz voltage noise density at 100 kHz
1.5 pA/√Hz current noise density at 100 kHz
High speed
69 MHz bandwidth (G = 1, −3 dB)
53 V/μs slew rate (RLOAD = 25 Ω)
APPLICATIONS
Twisted-pair line drivers
Audio applications
General-purpose ac applications
GENERAL DESCRIPTION
The AD8397 comprises two voltage feedback operational amplifiers
capable of driving heavy loads with excellent linearity. The
common-emitter, rail-to-rail output stage surpasses the output
voltage capability of typical emitter-follower output stages and
can swing to within 0.5 V of either rail while driving a 25 Ω
load. The low distortion, high output current, and wide output
dynamic range make the AD8397 ideal for applications that
require a large signal swing into a heavy load.
Fabricated with Analog Devices, Inc., high speed extra fast
complementary bipolar high voltage (XFCB-HV) process, the
high bandwidth and fast slew rate of the AD8397 keep distortion to
a minimum. The AD8397 is available in a standard 8-lead SOIC_N
package and, for higher power dissipating applications, a thermally
enhanced 8-lead SOIC_N_EP package. Both packages can operate
from −40°C to +85°C.
PIN CONFIGURATION
OUT1
1
–IN1
2
+IN1
3
–VS 4
+VS
OUT2
–IN2
+IN2
8
7
6
5
Figure 1. 8-Lead SOIC
1.50
–1.50
–1.25
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
1.25
0
2
4
6
8
101214161820
TIME (µs)
Figure 2. Output Swing, VS = ±1.5 V, RL = 25 Ω
12
–12
–9
–6
–3
0
3
6
9
0
2
4
6
8
101214161820
TIME (µs)
Figure 3. Output Swing, VS = ±12 V, RL = 100 Ω


Similar Part No. - AD8397ARDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8397ARDZ AD-AD8397ARDZ Datasheet
379Kb / 16P
Rail-to-Rail, High Output Current Amplifier
1/05-Revision 0
AD8397ARDZ-REEL AD-AD8397ARDZ-REEL Datasheet
379Kb / 16P
Rail-to-Rail, High Output Current Amplifier
1/05-Revision 0
AD8397ARDZ-REEL7 AD-AD8397ARDZ-REEL7 Datasheet
379Kb / 16P
Rail-to-Rail, High Output Current Amplifier
1/05-Revision 0
More results

Similar Description - AD8397ARDZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS921 STMICROELECTRONICS-TS921 Datasheet
115Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT SINGLE OPERATIONAL AMPLIFIER
Mar-1999
TS922 STMICROELECTRONICS-TS922 Datasheet
117Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
March 1999
TS924 STMICROELECTRONICS-TS924 Datasheet
131Kb / 11P
RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
Mar-1999
TS922H STMICROELECTRONICS-TS922H Datasheet
46Kb / 6P
RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER
Sep-2003
logo
Analog Devices
AD8397 AD-AD8397 Datasheet
379Kb / 16P
Rail-to-Rail, High Output Current Amplifier
1/05-Revision 0
logo
STMicroelectronics
TS922 STMICROELECTRONICS-TS922_07 Datasheet
480Kb / 21P
Rail-to-rail high output current dual operational amplifier
26-Jan-2007
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
Rail-to-Rail High Output Current Single Operational Amplifier
Nov-2005
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
Rail-to-rail high output current quad operational amplifier
11-Mar-2008
TS922AIDT STMICROELECTRONICS-TS922AIDT Datasheet
1Mb / 24P
Rail-to-rail, high output current dual operational amplifier
27-Jun-2013
logo
Analog Devices
AD8397 AD-AD8397_15 Datasheet
246Kb / 16P
Rail-to-Rail, High Output Current Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com