Electronic Components Datasheet Search
  English  ▼

X  

OP290GP Datasheet(PDF) 7 Page - Analog Devices

Part # OP290GP
Description  Precision, Low Power, Micropower Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP290GP Datasheet(HTML) 7 Page - Analog Devices

Back Button OP290GP Datasheet HTML 3Page - Analog Devices OP290GP Datasheet HTML 4Page - Analog Devices OP290GP Datasheet HTML 5Page - Analog Devices OP290GP Datasheet HTML 6Page - Analog Devices OP290GP Datasheet HTML 7Page - Analog Devices OP290GP Datasheet HTML 8Page - Analog Devices OP290GP Datasheet HTML 9Page - Analog Devices OP290GP Datasheet HTML 10Page - Analog Devices OP290GP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
OP290
Rev. C | Page 7 of 12
60
40
20
0
–20
10
100k
10k
1k
100
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
G = 1
G = 10
G = 100
Figure 9. Closed-Loop Gain vs. Frequency
6
5
4
3
2
1
0
100
100k
10k
1k
LOAD RESISTANCE (
Ω)
TA = 25°C
V+ = 5V
V– = 0V
Figure 10. Output Voltage Swing vs. Load Resistance
16
14
12
10
8
6
4
2
0
100
100k
10k
1k
LOAD RESISTANCE (
Ω)
TA = 25°C
VS = ±15V
Figure 11. Output Voltage Swing vs. Load Resistance
140
120
100
80
60
40
1
1k
100
10
FREQUENCY (Hz)
TA = 25°C
NEGATIVE SUPPLY
POSITIVE SUPPLY
Figure 12. Power Supply Rejection vs. Frequency
140
120
100
80
60
40
1
1k
100
10
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
Figure 13. Common-Mode Rejection vs. Frequency
1k
100
10
0.1
1k
100
10
1
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
Figure 14. Noise Voltage Density vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com