Electronic Components Datasheet Search
  English  ▼

X  

OP290GP Datasheet(PDF) 10 Page - Analog Devices

Part # OP290GP
Description  Precision, Low Power, Micropower Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP290GP Datasheet(HTML) 10 Page - Analog Devices

Back Button OP290GP Datasheet HTML 4Page - Analog Devices OP290GP Datasheet HTML 5Page - Analog Devices OP290GP Datasheet HTML 6Page - Analog Devices OP290GP Datasheet HTML 7Page - Analog Devices OP290GP Datasheet HTML 8Page - Analog Devices OP290GP Datasheet HTML 9Page - Analog Devices OP290GP Datasheet HTML 10Page - Analog Devices OP290GP Datasheet HTML 11Page - Analog Devices OP290GP Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
OP290
Rev. C | Page 10 of 12
APPLICATIONS INFORMATION
TEMPERATURE TO 4 MA TO 20 mA TRANSMITTER
A simple temperature to 4 mA to 20 mA transmitter is shown in
Figure 20. After calibration, the transmitter is accurate to +0.5°C
over the −50°C to +150°C temperature range. The transmitter
operates from 8 V to 40 V with supply rejection better than
3 ppm/V. One half of the OP290 is used to buffer the VTEMP pin
while the other half regulates the output current to satisfy the
current summation at its noninverting input.
×
×
×
−
×
+
=
R10
R2
R7
R6
R2
V
R10
R2
R7
R
V
I
SET
TEMP
OUT
)
6
(
(1)
The change in output current with temperature is the derivative
of the following transfer function:
R10
R2
R7
(R6
T
V
T
I
TEMP
OUT
×
+
∆
∆
=
∆
∆
)
(2)
From Equation 1 and Equation 2, it can be seen that if the span
trim is adjusted before the zero trim, the two trims are not
interactive, which greatly simplifies the calibration procedure.
Calibration of the transmitter is simple. First, the slope of the
output current vs. temperature is calibrated by adjusting the
span trim, R7. A couple of iterations may be required to ensure
that the slope is correct.
Once the span trim has been completed, the zero trim can be
made. Remember that adjusting the offset trim does not affect
the gain. The offset trim can be set at any known temperature
by adjusting R5 until the output current equals
(
) mA
4
+
−


∆
∆
=
MIN
A
OPERATING
FS
OUT
T
T
T
I
I
Table 5 shows the values of R6 that are required for various
temperature ranges.
Table 5.
Temperature Range
R6 (k Ω)
0°C to +70°C
10
−40°C to +85°C
6.2
−50°C to +150°C
3
1/2
OP290GP
VIN
VOUT
VTEMP
GND
6
3
2
4
10k
Ω
R1
REF43
2N1711
V+
8V TO 40V
1N4002
SPAN TRIM
R10
100
Ω
1%, 1/2W
R9
100k
Ω
R8
1k
Ω
R3
100k
Ω
R5
5k
Ω
R2
1k
Ω
VTEMP
4
8
2
3
ZERO
TRIM
VSET
R4
20k
Ω
R6
3k
Ω
R7
5k
Ω
IOUT
RL
7
6
5
1
1/2
OP290GP
Figure 20. Temperature to 4 mA to 20 mA Transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com