Electronic Components Datasheet Search
  English  ▼

X  

LT1010 Datasheet(PDF) 13 Page - Analog Devices

Part # LT1010
Description  1.1A, 35MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1010 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT1010 Datasheet HTML 9Page - Analog Devices LT1010 Datasheet HTML 10Page - Analog Devices LT1010 Datasheet HTML 11Page - Analog Devices LT1010 Datasheet HTML 12Page - Analog Devices LT1010 Datasheet HTML 13Page - Analog Devices LT1010 Datasheet HTML 14Page - Analog Devices LT1010 Datasheet HTML 15Page - Analog Devices LT1010 Datasheet HTML 16Page - Analog Devices LT1010 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT1210
13
Rev C
For more information www.analog.com
APPLICATIONS INFORMATION
T7 Package, 7-Lead TO-220
Thermal Resistance (Junction-to-Case) = 5°C/W
Calculating Junction Temperature
The junction temperature can be calculated from the
equation:
TJ = (PD)(θJA) + TA
where:
TJ = Junction Temperature
TA = Ambient Temperature
PD = Device Dissipation
θJA = Thermal Resistance (Junction-to-Ambient)
As an example, calculate the junction temperature for the
circuit in Figure 7 for the SO and R packages assuming a
70°C ambient temperature.
The device dissipation can be found by measuring the
supply currents, calculating the total dissipation and
then subtracting the dissipation in the load and feed-
back network.
PD = (76mA)(10V) – (1.4V)2/ 10 = 0.56W
Figure 7.
then:
TJ = (0.56W)(46°C/W) + 70°C = 96°C
for the SO package with 1000 sq. mm topside
heat sinking
TJ = (0.56W)(27°C/W) + 70°C = 85°C
for the R package with 1000 sq. mm topside heat
sinking
Since the maximum junction temperature is 150°C,
both packages are clearly acceptable.
–
+
LT1210
SD
5V
–5V
680Ω
220Ω
10Ω
0V
2V
VO
VO = 1.4VRMS
76mA
1210 F07
–2V
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com