Electronic Components Datasheet Search
  English  ▼

X  

LT1010 Datasheet(PDF) 20 Page - Analog Devices

Part # LT1010
Description  1.1A, 35MHz Current Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1010 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT1010 Datasheet HTML 12Page - Analog Devices LT1010 Datasheet HTML 13Page - Analog Devices LT1010 Datasheet HTML 14Page - Analog Devices LT1010 Datasheet HTML 15Page - Analog Devices LT1010 Datasheet HTML 16Page - Analog Devices LT1010 Datasheet HTML 17Page - Analog Devices LT1010 Datasheet HTML 18Page - Analog Devices LT1010 Datasheet HTML 19Page - Analog Devices LT1010 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT1210
20
Rev C
For more information www.analog.com
ANALOG DEVICES, INC. 1996-2018
D16837-0-4/18(C)
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1010
Fast ±150mA Power Buffer
20MHz Bandwidth, 75V/µs Slew Rate
LT1166
Power Output Stage Automatic Bias System
Sets Class AB Bias Currents for High Voltage/High Power
Output Stages
LT1206
Single 250mA, 60MHz Current Feedback Amplifier
Shutdown Function, Stable with CL = 10,000pF, 900V/µs
Slew Rate
LT1207
Dual 250mA, 60MHz Current Feedback Amplifier
Dual Version of LT1206
LT1227
Single 140MHz Current Feedback Amplifier
Shutdown Function, 1100V/µs Slew Rate
LT1360
Single 50MHz, 800V/µs Op Amp
Voltage Feedback, Stable with CL = 10,000pF
LT1363
Single 70MHz, 1000V/µs Op Amp
Voltage Feedback, Stable with CL = 10,000pF
LTC6090/
LTC6090-5
140V Operational Amplifier
50pA IB, 1.6mV VOS, 9.5V to 140V VS, 4.5µA IS RR Output
LTC6091
140V Operational Amplifier
50pA IB, 1.6mV VOS, 9.5V to 140V VS, 4.5µA IS RR Output
Wideband 9W Bridge Amplifier
Frequency Response
–
+
LT1210
SD
10nF
1
1
1
1
1
T1*
1
RL
50
9W
PO
9W
680
220
100nF
910
* COILTRONICS Versa-Pac™ CTX-01-13033-X2
OR EQUIVALENT
–15V
–15V
15V
15V
INPUT
5VP-P
1210 TA07
–
+
LT1210
SD
10nF
FREQUENCY (Hz)
26
23
20
17
14
11
8
5
2
–1
–4
10k
1M
10M
100M
1210 TA08
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com