Electronic Components Datasheet Search
  English  ▼

X  

AD8656ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD8656ARMZ
Description  Low Noise, Precision CMOS Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8656ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8656ARMZ Datasheet HTML 6Page - Analog Devices AD8656ARMZ Datasheet HTML 7Page - Analog Devices AD8656ARMZ Datasheet HTML 8Page - Analog Devices AD8656ARMZ Datasheet HTML 9Page - Analog Devices AD8656ARMZ Datasheet HTML 10Page - Analog Devices AD8656ARMZ Datasheet HTML 11Page - Analog Devices AD8656ARMZ Datasheet HTML 12Page - Analog Devices AD8656ARMZ Datasheet HTML 13Page - Analog Devices AD8656ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8655/AD8656
Data Sheet
Rev. E | Page 10 of 20
Figure 27. Small Signal Overshoot vs. Load Capacitance
Figure 28. Negative Overload Recovery Time
Figure 29. Positive Overload Recovery Time
Figure 30. Output Impedance vs. Frequency
Figure 31. Input Offset Voltage Distribution
Figure 32. Input Offset Voltage vs. Temperature
30
25
20
15
10
5
0
0
50
100
150
200
250
300
350
CAPACITANCE (pF)
VS = ±2.5V
VIN = 200mV
–OS
+OS
T
2
1
VS = ±2.5V
VIN = 300mV
GAIN = –10
RECOVERY TIME = 240ns
300mV
0V
0V
–2.5V
VIN
VOUT
400ns/DIV
1
2
400ns/DIV
VS = ±2.5V
VIN = 300mV
GAIN = –10
RECOVERY TIME = 240ns
T
VIN
VOUT
0V
0V
–300mV
2.5V
100
10
1
0.1
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
100M
VS = ±2.5V
G = +100
G = +10
G = +1
80
70
60
50
40
30
20
10
0
–150 –125 –100 –75 –50 –25
0
VOS (µV)
25
50
75 100 125 150
VS = ±1.35V
TEMPERATURE (°C)
250
0
–100
–250
–50
0
–25
25
50
75
100
125
150
–200
–150
–50
50
100
150
200
VS = ±1.35V
VCM = 0V
–3
σ
TYPICAL
+3
σ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com