Electronic Components Datasheet Search
  English  ▼

X  

AD8656ARMZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD8656ARMZ
Description  Low Noise, Precision CMOS Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8656ARMZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8656ARMZ Datasheet HTML 12Page - Analog Devices AD8656ARMZ Datasheet HTML 13Page - Analog Devices AD8656ARMZ Datasheet HTML 14Page - Analog Devices AD8656ARMZ Datasheet HTML 15Page - Analog Devices AD8656ARMZ Datasheet HTML 16Page - Analog Devices AD8656ARMZ Datasheet HTML 17Page - Analog Devices AD8656ARMZ Datasheet HTML 18Page - Analog Devices AD8656ARMZ Datasheet HTML 19Page - Analog Devices AD8656ARMZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8655/AD8656
Data Sheet
Rev. E | Page 16 of 20
APPLICATIONS INFORMATION
INPUT OVERVOLTAGE PROTECTION
The internal protective circuitry of the AD8655/AD8656 allows
voltages exceeding the supply to be applied at the input. It is
recommended, however, not to apply voltages that exceed the
supplies by more than 0.3 V at either input of the amplifier. If a
higher input voltage is applied, series resistors should be used to
limit the current flowing into the inputs. The input current
should be limited to less than 5 mA.
The extremely low input bias current allows the use of larger
resistors, which allows the user to apply higher voltages at the
inputs. The use of these resistors adds thermal noise, which
contributes to the overall output voltage noise of the amplifier.
For example, a 10 kΩ resistor has less than 12.6 nV/√Hz of
thermal noise and less than 10 nV of error voltage at room
temperature.
INPUT CAPACITANCE
Along with bypassing and ground, high speed amplifiers can be
sensitive to parasitic capacitance between the inputs and ground.
For circuits with resistive feedback network, the total capacitance,
whether it is the source capacitance, stray capacitance on the
input pin, or the input capacitance of the amplifier, causes a
breakpoint in the noise gain of the circuit. As a result, a
capacitor must be added in parallel with the gain resistor to
obtain stability. The noise gain is a function of frequency and
peaks at the higher frequencies, assuming the feedback capaci-
tor is selected to make the second-order system critically damped.
A few picofarads of capacitance at the input reduce the input
impedance at high frequencies, which increases the amplifier’s
gain, causing peaking in the frequency response or oscillations.
With the AD8655/AD8656, additional input damping is required
for stability with capacitive loads greater than 200 pF with
direct input to output feedback. See the Driving Capacitive
Loads section.
DRIVING CAPACITIVE LOADS
Although the AD8655/AD8656 can drive capacitive loads up to
500 pF without oscillating, a large amount of ringing is present
when operating the part with input frequencies above 100 kHz.
This is especially true when the amplifiers are configured in
positive unity gain (worst case). When such large capacitive
loads are required, the use of external compensation is highly
recommended. This reduces the overshoot and minimizes
ringing, which, in turn, improves the stability of the AD8655/
AD8656 when driving large capacitive loads.
One simple technique for compensation is a snubber that
consists of a simple RC network. With this circuit in place,
output swing is maintained, and the amplifier is stable at all
gains. Figure 55 shows the implementation of a snubber, which
reduces overshoot by more than 30% and eliminates ringing.
Using a snubber does not recover the loss of bandwidth
incurred from a heavy capacitive load.
Figure 54. Driving Heavy Capacitive Loads Without Compensation
Figure 55. Snubber Network
Figure 56. Driving Heavy Capacitive Loads Using a Snubber Network
TIME (2
µs/DIV)
VS = ±2.5V
AV = 1
CL = 500pF
+IN
200Ω
500pF
500pF
–IN
VCC
VEE
200mV
+
–
+
–
VS = ±2.5V
AV = 1
RS = 200Ω
CS = 500pF
CL = 500pF
TIME (10
µs/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com