Electronic Components Datasheet Search
  English  ▼

X  

CYRS1069G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # CYRS1069G
Description  16-Mb Static RAM with ECC and RADSTOP™ technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYRS1069G Datasheet(HTML) 5 Page - Infineon Technologies AG

  CYRS1069G Datasheet HTML 1Page - Infineon Technologies AG CYRS1069G Datasheet HTML 2Page - Infineon Technologies AG CYRS1069G Datasheet HTML 3Page - Infineon Technologies AG CYRS1069G Datasheet HTML 4Page - Infineon Technologies AG CYRS1069G Datasheet HTML 5Page - Infineon Technologies AG CYRS1069G Datasheet HTML 6Page - Infineon Technologies AG CYRS1069G Datasheet HTML 7Page - Infineon Technologies AG CYRS1069G Datasheet HTML 8Page - Infineon Technologies AG CYRS1069G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Datasheet
5
002-34202 Rev. *B
2023-11-06
16-Mb Static RAM with ECC and RADSTOP™ technology
2M × 8
Selection guide
2
Selection guide
Table 1
Selection guide
Description
3.3 V / 5.0 V
Unit
Maximum access time
10
ns
Maximum operating current
160
mA
Maximum CMOS standby current
50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com