Electronic Components Datasheet Search
  English  ▼

X  

CYRS1069G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # CYRS1069G
Description  16-Mb Static RAM with ECC and RADSTOP™ technology
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYRS1069G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button CYRS1069G Datasheet HTML 5Page - Infineon Technologies AG CYRS1069G Datasheet HTML 6Page - Infineon Technologies AG CYRS1069G Datasheet HTML 7Page - Infineon Technologies AG CYRS1069G Datasheet HTML 8Page - Infineon Technologies AG CYRS1069G Datasheet HTML 9Page - Infineon Technologies AG CYRS1069G Datasheet HTML 10Page - Infineon Technologies AG CYRS1069G Datasheet HTML 11Page - Infineon Technologies AG CYRS1069G Datasheet HTML 12Page - Infineon Technologies AG CYRS1069G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Datasheet
9
002-34202 Rev. *B
2023-11-06
16-Mb Static RAM with ECC and RADSTOP™ technology
2M × 8
DC electrical characteristics
6
DC electrical characteristics
Table 4
DC electrical characteristics
Over the operating range
Parameter
Voltage description
Test conditions
Military/Space
Unit
Min
Max
VOH
Output HIGH
VCC = Min, IOH = –1.0 mA 2.2 V to 2.7 V 2.0
–
V
VCC = Min, IOH = –4.0 mA 2.7 V to 3.0 V 2.2
–
VCC = Min, IOH = –4.0 mA 3.0 V to 3.6 V 2.4
–
VCC = Min, IOH = –4.0 mA 4.5 V to 5.5 V 2.4
–
VCC = Min, IOH = –0.1 mA 4.5 V to 5.5 V VCC – 0.4 –
VOL
Output LOW voltage
VCC = Min, IOL = 2 mA
2.2 V to 2.7 V –
0.4
V
VCC = Min, IOL = 8 mA
2.7 V to 3.6 V –
0.4
VCC = Min, IOL = 8 mA
4.5 V to 5.5 V –
0.4
VIH
Input HIGH voltage
2.2 V to 2.7 V 2.0
VCC + 0.3
V
2.7 V to 3.6 V 2.0
VCC + 0.3
4.5 V to 5.5 V 2.0
VCC + 0.5
VIL
Input LOW voltage
2.2 V to 2.7 V –0.3
0.6
V
2.7 V to 3.6 V –0.3
0.8
4.5 V to 5.5 V –0.5
0.8
IIX
Input leakage current
GND < VI < VCC
–5
+5
µA
IOZ
Output leakage current GND < VOUT < VCC, output disabled
–5
+5
µA
ICC
VCC operating supply
current
VCC=Max,f=fMAX=1/tRC
100 MHz
–
160
mA
83 MHz
–
130
mA
ISB1
Automatic CE
power-down current –
TTL inputs
Max VCC, CE > VIH
VIN > VIH or VIN < VIL, f = fMAX
–60
mA
ISB2
Automatic CE
power-down current –
CMOS inputs
Max VCC, CE > VCC – 0.2 V
VIN > VCC – 0.2 V, or VIN < 0.2 V, f = 0
–50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com