Electronic Components Datasheet Search
  English  ▼

X  

1055708 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1055708
Description  PROT-M17PRO-OT-IP20 - Plastic protective cap
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1055708 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1055708 Datasheet HTML 1Page - PHOENIX CONTACT 1055708 Datasheet HTML 2Page - PHOENIX CONTACT 1055708 Datasheet HTML 3Page - PHOENIX CONTACT 1055708 Datasheet HTML 4Page - PHOENIX CONTACT 1055708 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Plastic protective cap, M17, degree of protection: IP20, series: M17 PRO
Commercial data
Item number
1055708
Packing unit
25 pc
Minimum order quantity
25 pc
Sales key
AB38
Product key
ABRGAD
GTIN
4063151783341
Weight per piece (including packing)
1.38 g
Weight per piece (excluding packing)
1.38 g
Customs tariff number
39269097
Country of origin
DE
PROT-M17PRO-OT-IP20 - Plastic protective cap
1055708
https://www.phoenixcontact.com/us/products/1055708
Sep 10, 2024, 4:21 AM
Page 1 (5)


Similar Part No. - 1055708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1055707 PHOENIX-1055707 Datasheet
271Kb / 5P
PROT-M17PRO-IT-IP67 - Plastic protective cap
More results

Similar Description - 1055708

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
IT90376-10R GLENAIR-IT90376-10R Datasheet
1Mb / 2P
Plug Connector Protective Plastic Dust Cap
logo
Jiangsu Changjiang Elec...
PZT3904 JIANGSU-PZT3904 Datasheet
1Mb / 4P
S OT-223 Plastic-Encapsulate Transistors
logo
Hubbell Incorporated.
HIC HUBBELL-HIC Datasheet
224Kb / 1P
Accessories Protective Cap
logo
PHOENIX CONTACT
1430912 PHOENIX-1430912 Datasheet
145Kb / 3P
Sealing cap - PROT-MINFS-PA-CHAIN
1409252 PHOENIX-1409252 Datasheet
342Kb / 3P
Sealing cap - PROT-M12FS VPE1000
1439751 PHOENIX-1439751 Datasheet
342Kb / 3P
Sealing cap - PROT-M12 FS VPE100
1410605 PHOENIX-1410605 Datasheet
270Kb / 2P
Sealing cap - PROT-MINFS-PA
1430488 PHOENIX-1430488 Datasheet
230Kb / 3P
Sealing cap - PROT-M12 FS-M
3012325 PHOENIX-3012325 Datasheet
51Kb / 2P
Protective cap - FBSC
09/12/2020
1414148 PHOENIX-1414148 Datasheet
49Kb / 1P
Sealing cap - PROT-M12 MS-M
12/05/2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com