Electronic Components Datasheet Search
  English  ▼

X  

1055708 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1055708
Description  PROT-M17PRO-OT-IP20 - Plastic protective cap
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1055708 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1055708 Datasheet HTML 1Page - PHOENIX CONTACT 1055708 Datasheet HTML 2Page - PHOENIX CONTACT 1055708 Datasheet HTML 3Page - PHOENIX CONTACT 1055708 Datasheet HTML 4Page - PHOENIX CONTACT 1055708 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Protective cap
Series
M17 PRO
Material specifications
Housing material
TPE
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP20
Ambient temperature (operation)
-40 °C ... 105 °C
PROT-M17PRO-OT-IP20 - Plastic protective cap
1055708
https://www.phoenixcontact.com/us/products/1055708
Sep 10, 2024, 4:21 AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com