Electronic Components Datasheet Search
  English  ▼

X  

ADRF5031 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5031
Description  9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5031 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5031 Datasheet HTML 4Page - Analog Devices ADRF5031 Datasheet HTML 5Page - Analog Devices ADRF5031 Datasheet HTML 6Page - Analog Devices ADRF5031 Datasheet HTML 7Page - Analog Devices ADRF5031 Datasheet HTML 8Page - Analog Devices ADRF5031 Datasheet HTML 9Page - Analog Devices ADRF5031 Datasheet HTML 10Page - Analog Devices ADRF5031 Datasheet HTML 11Page - Analog Devices ADRF5031 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Data Sheet
ADRF5031
OUTLINE DIMENSIONS
©2024 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 12 of 12
3.10
3.00 SQ
2.90
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
5
6
10
11
15
16
20
0.25
0.20
0.15
0.30
0.25
0.20
0.810
0.752
0.702
1.70
1.60 SQ
1.50
EXPOSED
PAD
0.530 REF
0.222 REF
0.70
REF
PIN 1
INDICATOR
AREA
SEATING
PLANE
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
PIN 1
INDICATOR
(0.45°)
0.32
REF
0.30 REF
0.40
BSC
1.60 REF
SQ
Figure 20. 20-Terminal Land Grid Array [LGA]
(CC-20-21)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Quantity
Package Option
ADRF5031BCCN
−40°C to +105°C
20-Terminal Land Grid Array [LGA]
CC-20-21
ADRF5031BCCN-R7
−40°C to +105°C
20-Terminal Land Grid Array [LGA]
Reel, 1500
CC-20-21
1 Z = RoHS-Compliant Part.
EVALUATION BOARDS
Table 8. Evaluation Boards
Model1
Description
ADRF5031-EVALZ
Evaluation Board
1 Z = RoHS-Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com