Electronic Components Datasheet Search
  English  ▼

X  

ADRF5031 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5031
Description  9 kHz to 20 GHz, Nonreflective, Silicon SPDT Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5031 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5031 Datasheet HTML 1Page - Analog Devices ADRF5031 Datasheet HTML 2Page - Analog Devices ADRF5031 Datasheet HTML 3Page - Analog Devices ADRF5031 Datasheet HTML 4Page - Analog Devices ADRF5031 Datasheet HTML 5Page - Analog Devices ADRF5031 Datasheet HTML 6Page - Analog Devices ADRF5031 Datasheet HTML 7Page - Analog Devices ADRF5031 Datasheet HTML 8Page - Analog Devices ADRF5031 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADRF5031
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 12
VDD = 3.3 V, VSS = −3.3 V, CTRL voltage (VCTRL) = 0 V or VDD, and TCASE = 25°C for a 50 Ω system, unless otherwise noted. RFx refers to RF1
or RF2.
Table 1. Electrical Characteristics
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
0.009
20000
MHz
INSERTION LOSS
Between RFC and RFx (On)
9 kHz to 6 GHz
0.6
dB
6 GHz to 12 GHz
0.8
dB
12 GHz to 20 GHz
1.05
dB
RETURN LOSS
9 kHz to 20 GHz
RFC
22
dB
RFx (On)
20
dB
RFx (Off)
17
dB
ISOLATION
Between RFC to RFx and RFx to RFx
9 kHz to 6 GHz
55
dB
6 GHz to 12 GHz
50
dB
12 GHz to 20 GHz
45
dB
SWITCHING
Rise and Fall Time
tRISE, tFALL
10% to 90% of RF output
3.0
µs
On and Off Time
tON, tOFF
50% VCTRL to 90% of RF output
5.0
µs
Settling Time (0.1 dB)
50% VCTRL to 0.1 dB of final RF output
5.3
µs
INPUT LINEARITY1
f = 1 MHz to 20 GHz
Input Compression
P0.1dB
35
dBm
Third-Order Intercept
IP3
Two-tone input power = 14 dBm each tone, f = 1 MHz
to 20 GHz, Δf = 1 MHz
62
dBm
Second-Order Intercept
IP2
Two-tone input power = 14 dBm each tone, f = 8 GHz,
Δf = 1 MHz
116
dBm
VIDEO FEEDTHROUGH
4.5
mV p-p
SUPPLY CURRENT
VDD and VSS pins
Positive Supply Current
IDD
150
µA
Negative Supply Current
ISS
520
µA
DIGITAL CONTROL INPUTS
CTRL and EN pins
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current
Low
IINL
<1
µA
High
IINH
33
µA
RECOMMENDED OPERATING CONDITIONS
Supply Voltage
Positive
VDD
3.15
3.45
V
Negative
VSS
−3.45
−3.15
V
Digital Control Inputs Voltage
VCTRL
0
VDD
V
RF Input Power2, 3
PIN
f = 1 MHz to 20 GHz, TCASE = 85°C
Through Path
RF signal is applied to RFC or through connected RFx
(RF1 or RF2)
Average
33
dBm
Peak, Pulse4, 5
35
dBm
Terminated Path
RF signal is applied to unselected RFx (terminated
within internal resistor)
Average
30
dBm
Peak, Pulse
32
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com